Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRR8 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FRR8
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FRR8 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FRR8 Datasheet HTML 1Page - First Silicon Co., Ltd FRR8 Datasheet HTML 2Page - First Silicon Co., Ltd FRR8 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
FRR08
Revision No : 0
2
Thermal Characteristics
Pin Configurations
Package
Power Dissipation
@ TA=25°C
θJC
°
C/W
θJA
°
C/W
TO-92
0.74W
125
170
TO-243AA
1.6W
15
78†
TO-252
2.5W
6.25
50†
† Mounted on FR4 board, 25mm x 25mm x 1 57mm
Significant PD increase possible on ceramic substrate
Absolute Maximum Ratings
VIN Input Voltage
-0.5V to +480V*
Output Voltage Range
-0.5V to +470V
Operating Ambient Temperature Range
Operating Junction Temperature Range
Storage Temperature Range
*Voltages referenced to ADJ
Electrical Characteristics
Test conditions unless otherwise specified: -40°C < TA < 85°C.
Symbol
Parameter
Min Typ Max Units
Test Conditions
VIN - VOUT Input to Output Voltage Difference
12
450
V
VOUT
Overall Output Voltage Regulation
1.14 1.20 1.26
V 12V< VIN <400V, R1=2.4KΩ, R2=0
VOUT
Overall Output Voltage Regulation
375 400 425
V R1=2.4KΩ, R2=782KΩ
∆V OUT
Line Regulation
0.003 0.01 %/V 15V< VIN <400V, VOUT =5V, IOUT =0.5mA
∆V OUT
Load Regulation
1.4
3.0
% VIN =15V, VOUT =5V, 0.5mA<IOUT <10mA
∆V OUT
Temperature Regulation
-1
+1
% V
IN
=15V, VOUT=5V, IOUT=10mA,
-40°C<TA<85°C
IOUT
Output Current Limit
10
20
mA TJ < 85°C, VIN - VOUT = 10V
IOUT
Output Current Limit
0.5 mA TJ > 125°C, VIN - VOUT = 450V
IOUT
Minimum Output Current
0.3
0.5 mA Includes R1 and load current
IADJ
Adjust Output Current
5
10
15
µA
C2
Minimum Output Load Capacitance
1
µF
DVOUT/DVIN Ripple Rejection Ratio
50
60
dB 120Hz, VOUT = 5V
TLIMIT
Junction Temperature Limit
125
°C
Functional Block Diagram
VIN
VOUT
ADJ
TO-92
1
2
3
TO-243AA
1
2, TAB
3
TO-252
1
2 (TAB)
3
Overtemp &
Overcurrent
Pass
Element
VOUT
ADJ
VIN
FRR8
-40°C to +85°C
-40°C to +125°C
-40°C to +150°C
2016.09.28



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com