Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRR8 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FRR8
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FRR8 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FRR8 Datasheet HTML 1Page - First Silicon Co., Ltd FRR8 Datasheet HTML 2Page - First Silicon Co., Ltd FRR8 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018.09.28
3/3
FRR8
Revision No : 0
Typical Application Circuits
Figure 1: High Input Voltage, 5.0V Output Linea
* Required for conditions where VIN is less than VOUT.
Figure 2: SMPS Start-Up Circuit
VIN=15V to 450V
VIN=15V to 450V
VIN=15V
to 450V
Load
PWM IC
VOUT1
VOUT2
VOUT=5.0V
Figure 1: High Input Voltage, 5.0V Output Linear Regulator
* Required for conditions where VIN is less than VOUT.
Figure 2: SMPS Start-Up Circuit
VIN=15V to 450V
VIN=15V to 450V
VIN=15V
to 450V
Load
PWM IC
VOUT1
VOUT2
VOUT=5.0V
FRR8
FRR8
FRR8
Figure 3: High Voltage Adjustable Constant Current Source



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com