Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP120F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # TIP120F
Description  Darlington TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TIP120F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  TIP120F Datasheet HTML 1Page - First Silicon Co., Ltd TIP120F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2019. 10. 14
1/2
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
TIP120F,121F,122F
TIP125F,126F,127F
TIP120F,121F,122F
Darlington TRANSISTOR
(NPN)
TIP125F,126F,127F
Darlington TRANSISTOR
(PNP)
FEATURES
Medium Power Complementary silicon transistors
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
TIP120F
TIP125F
TIP121F
TIP126F
TIP122F
TIP127F
Units
VCBO
Collector-Base Voltage
60
80
100
V
VCEO
Collector-Emitter Voltage
60
80
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
5
A
PC
Collector Power Dissipation (Tc=25℃)
30
W
RθJA
Thermal Resistance Junction to Ambient
62.5
℃/W
RθJc
Thermal Resistance Junction to Case
4.16
℃/W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55to+150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
TIP120F,TIP125F
TIP121F,TIP126F
TIP122F,TIP127F
V(BR)CBO
IC= 1mA,IE=0
60
80
100
V
Collector-emitter breakdown voltage TIP120F,TIP125F
TIP121F,TIP126F
TIP122F,TIP127F
VCEO(SUS)
IC= 30mA,IB=0
60
80
100
V
Collector cut-off current
TIP120F,TIP125F
TIP121F,TIP126F
TIP122F,TIP127F
ICBO
VCB= 60 V, IE=0
VCB= 80 V, IE=0
VCB= 100V, IE=0
0.2
mA
Collector cut-off current
TIP120F,TIP125F
TIP121F,TIP126F
TIP122F,TIP127F
ICEO
VCE=30 V, IB=0
VCE=40 V, IB=0
VCE=50 V, IB=0
0.5
mA
Emitter cut-off current
IEBO
VEB=5 V, IC=0
2
mA
hFE(1)
VCE= 3V, IC=0.5A
1000
DC current gain
hFE(2)
VCE= 3V, IC=3 A
1000
Collector-emitter saturation voltage
VCE(sat)
IC=3A,IB=12mA
IC=5 A,IB=20mA
2
4
V
Base-emitter voltage
VBE
VCE=3V, IC=3 A
2.5
V
Output Capacitance
TIP125F,TIP126F,TIP127F
TIP120F,TIP121F,TIP122F
Cob
VCB=10V, IE=0,f=0.1MHz
300
200
pF
TO-220F
A
A
B
C
C
D
D
E
E
F
G
H
H
1.52 MAX
1.52 MAX
J
K
L
M
L
N
N
N
O
Q
R
R
1
2
3
M
DIM
MILLIMETERS
10.16
0.20
+
_
15.00
0.20
+
_
3.00
0.20
+
_
0.625±0.125
3.50 typ
0.45
0.1
+
_
3.80
0.2
+
_
13.20
0.20
+
_
2.54
0.2
+
_
4.50
0.2
+
_
6.36
0.3
+
_
2.70
0.20
+
_
2.7 typ
16.80
0.4
+
_
1 Base
2 Collector
3 Emitter


Similar Part No. - TIP120F

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
TIP120F JIANGSU-TIP120F Datasheet
1Mb / 3P
DARLINGTON TRANSISTOR (NPN)
More results

Similar Description - TIP120F

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
NPN (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
NPN Darlington Transistor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
NPN Darlington Transistor
logo
Solid States Devices, I...
SFT10000-3 SSDI-SFT10000-3_1 Datasheet
143Kb / 2P
NPN DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N997 NJSEMI-2N997 Datasheet
91Kb / 1P
NPN DARLINGTON TRANSISTOR
2N6578 NJSEMI-2N6578 Datasheet
94Kb / 1P
NPN DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com