Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP120F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # TIP120F
Description  Darlington TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TIP120F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  TIP120F Datasheet HTML 1Page - First Silicon Co., Ltd TIP120F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2019. 10. 14
2/2
Revision No : 0
TIP120F,121F,122F
TIP125F,126F,127F
Typical Characteristics
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
r
e
tt
i
m
E
-
e
s
a
B
.
2
e
r
u
g
i
F
n
i
a
G
t
n
e
r
r
u
c
C
D
.
1
e
r
u
g
i
F
Collector-Emitter Saturation Voltage
Figure 3. Output and Input Capacitance
vs. Reverse Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
0
1
1
1
.
0
100
1000
10000
VCE = 4V
IC[A], COLLECTOR CURRENT
0
1
1
1
.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IC = 250IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
0
0
1
0
1
1
1
.
0
10
100
1000
Cob
f=0.1MHz
VCB[V], COLLECTOR-BASE VOLTAGE
VEB[V], EMITTER-BASE VOLTAGE
Cib
0
0
1
0
1
1
0.01
0.1
1
10
TIP121F
TIP122F
TIP120F
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
TC[
oC], CASE TEMPERATURE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com