Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7091 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # AUIPS7091
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7091 Datasheet(HTML) 4 Page - Infineon Technologies AG

  AUIPS7091 Datasheet HTML 1Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 2Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 3Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 4Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 5Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 6Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 7Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 8Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AUIPS7091(G)(S)PbF
www.irf.com
4
Static Electrical Characteristics
Tj=-40..150°C, Vcc=6..35V (unless otherwise specified), typical values are given for Vcc=14V and Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Rds(on)
ON state resistance Tj=25°C
80
120
m
Vin=5V, Iout=2A
ON state resistance Tj=150°C
150
230
Vin=5V, Iout=2A
ON state resistance Tj=25°C, Vcc=6.5V
90
130
Vin=5V, Iout=2A
Vcc op.
Operating voltage range
6
35
V
V clamp
Vcc to Out clamp voltage
63
70
Iout=30mA (see Fig. 1)
Vf
Body diode forward voltage
1
1.4
Iout= 2.5A
Icc Off
Supply current when Off
2.5
10
µA
Vin=Vout=0V, Tj=25°C
Icc On
Supply current when On
2.5
4
mA
Vin=5V, Vcc=14V
Iout@0V
Output leakage current
10
µA
Vout=0V
Iout@6V
Output leakage current
20
Vout=6V
Idg leakage
Diagnostic output leakage current
10
Vdg=5.5V
Vdgl
Low level diagnostic output voltage
0.1
0.3
V
Idg=1.6mA
Vih
Input high threshold voltage
2.5
3.5
Vil
Input low threshold voltage
1
2
In hys
Input hysteresis
0.05
0.4
1
UV high
Under voltage high threshold voltage
5
6.2
UV low
Under voltage low threshold voltage
3
4.5
5.9
UV hys
Under voltage hysteresis
0.1
0.8
1.5
Iin On
Input current when device is On
40
80
µA
Vin=5V
Switching Electrical Characteristics
Vcc=14V, Resistive load=6
, Vin=5V, Tj=-40°C..150°C, typical values are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn-on delay time
12
35
µs
See Fig. 3
Tr1
Rise time to Vout=Vcc-5V
7
40
Tr2
Rise time to Vout=0.9 x Vcc
14
50
dV/dt (On)
Turn On dV/dt
0.95
5
V/µs
EOn
Turn On energy
250
µJ
Tdoff
Turn-off delay time
20
45
µs
Tf
Fall time to Vout=0.1 x Vcc
6
25
dV/dt (Off)
Turn Off dV/dt
1.8
5
V/µs
EOff
Turn Off energy
20
µJ
Tdiag
Vout to Vdiag propagation delay
15
µs
See Fig. 4 and Fig. 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com