Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7091 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # AUIPS7091
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7091 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button AUIPS7091 Datasheet HTML 5Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 6Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 7Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 8Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 9Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 10Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 11Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 12Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AUIPS7091(G)(S)PbF
www.irf.com
9
0
10
20
30
40
50
60
0
1
2
3
Tdiag on
Tdiag off
50%
100%
150%
200%
-50
0
50
100
150
Tj, junction temperature (°C)
Figure 11 - Normalized Rds(on) (%) Vs Tj (°C)
Figure 12
– Diagnostic Blanking time (
s)
Vs Output current (A)
Output current (A)
0
1
2
3
4
5
6
7
-50
0
50
100
150
Figure 9
–I limit (A)
Vs junction temperature (°C)
Tj, junction temperature (°C)
Figure 10
– Switching energy (µJ)
Vs Output current (A)
Iout, Output current (A)
0
100
200
300
400
500
0
1
2
3
4
Eon
Eoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com