Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7121R Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # AUIPS7121R
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7121R Datasheet(HTML) 5 Page - Infineon Technologies AG

  AUIPS7121R Datasheet HTML 1Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 2Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 3Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 4Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 5Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 6Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 7Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 8Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AUIPS7121R
Lead Assignments
1- NC
2- In
- Vcc
3
4- Ifb
t
5- Ou
1 2
4 5
ak
Vcc
DP
3-
Functiona
All values are typ
l Block Diagram
ical
Diag
Charge
Pump
Driver
IFB
OUT
VCC
75V
Tj > 165°C
Iout > 60A
60V
75V
-
+
75V
IN
Set
Reset
Latch
Q
1.5mA
3V
+
-
Reverse
Battery
Protection
www.irf.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com