Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7121R Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # AUIPS7121R
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7121R Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button AUIPS7121R Datasheet HTML 5Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 6Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 7Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 8Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 9Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 10Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 11Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 12Page - Infineon Technologies AG AUIPS7121R Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AUIPS7121R
www.irf.com
9
Figure 8 – Transient thermal impedance (°C/W)
Vs time (s)
Time (s)
50%
100%
150%
-50
0
50
100
150
200%
Fig
C)
Tj, junction temperature (°C)
ure 7 - Normalized Rds(on) (%) Vs Tj (°
1
2
3
4
5
6
VIH
VIL
0
-50
-25
0
25
50
75
100
125
150
Tj, junction temperature (°C)
Figure 6 – Vih and Vil (V) Vs Tj (°C)
0
0
10
20304050
Vcc-Vin, supply voltage (V)
2
4
0.01
0.10
1.00
10.00
100.00
1.E-
05
1.E-
04
1.E-
03
1.E-
02
1.E-
01
1.E+0
0
1.E+0
1
1.E+0
2
Figure 5 – Icc off(µA) Vs Vcc-Vin (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com