Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2003ES1 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FMS2003ES1
Description  SP4T Reflective pHEMT MMIC Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2003ES1 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FMS2003ES1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2003ES1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2003ES1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2003ES1 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary Data Sheet
1.0
FMS2003 ES1
SP4T Bonding Configuration
Pad Number
Port
Symbol
Connection on Board
1
RF input port 1
RF 1
RF4
2
DC Control line 1
Vctrl 1
V1
3
Antenna*
ANT
ANT
4
DC Control line 3
Vctrl 3
V2
5
RF input port 3
RF 3
RF5
6
RF input port 2
RF 2
RF1
7
DC Control line 2
Vctrl 2
V4
8
Antenna*
ANT
RF3*
9
DC Control line 4
Vctrl 4
V3
10
RF input port 4
RF 4
RF2
* Either or both of the antenna pads can be bonded. They are electrically the same.
Bonding Pad Layout
0.00 µm
SP4T F1
5
4
2
3
1
6
78
9
10
561.9 µm (x)
694.5
µm (y)
217.78 µm (x)
706.75
µm (y)
455 µm (x)
706.75
µm (y)
692.22 µm (x)
706.75
µm (y)
853.81 µm (x)
694.5
µm (y)
133.25
µm (y)
133.25
µm (y)
133.25
µm (y)
145.5
µm (y)
145.5
µm (y)
561.9 µm (x)
217.78 µm (x)
455 µm (x)
692.22 µm (x)
853.81 µm (x)
SP4T F1
SP4T F1
5
4
2
3
1
6
78
9
10
561.9 µm (x)
694.5
µm (y)
217.78 µm (x)
706.75
µm (y)
455 µm (x)
706.75
µm (y)
692.22 µm (x)
706.75
µm (y)
853.81 µm (x)
694.5
µm (y)
133.25
µm (y)
133.25
µm (y)
133.25
µm (y)
145.5
µm (y)
145.5
µm (y)
561.9 µm (x)
217.78 µm (x)
455 µm (x)
692.22 µm (x)
853.81 µm (x)
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd, Heighington Lane Business Park, Newton Aycliffe, Co Durham. DL5 6JW.
Contact Details: Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com Website: www.filcs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com