Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2003ES1 Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FMS2003ES1
Description  SP4T Reflective pHEMT MMIC Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2003ES1 Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FMS2003ES1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2003ES1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2003ES1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2003ES1 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Preliminary Data Sheet
1.0
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd, Heighington Lane Business Park, Newton Aycliffe, Co Durham. DL5 6JW.
Contact Details: Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com Website: www.filcs.com
FMS2003 ES1
Suggested Application Board Layout
0603 100pF surface mount ceramic capacitors
0603 100pF surface mount ceramic capacitors
PCB material: FR4
All TX lines 50 ohm
90 deg SMA connectors
90 deg SMA connectors
90 deg SMA connector
90 deg SMA connector
0603 100pF surface mount ceramic capacitors
0603 100pF surface mount ceramic capacitors
PCB material: FR4
All TX lines 50 ohm
90 deg SMA connectors
90 deg SMA connectors
90 deg SMA connector
90 deg SMA connector
Generic SPDT, 3T and 4T Evaluation Board Layout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com