Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7111STRL Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # AUIPS7111STRL
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7111STRL Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button AUIPS7111STRL Datasheet HTML 5Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 6Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 7Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 8Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 9Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 10Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 11Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 12Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AUIPS7111S
www.irf.com
9
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
150
VIH
VIL
0.01
0.1
1
10
100
1E-4
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
Figure 8 – Transient thermal impedance (°C/W)
Vs time (s)
Time (s)
50%
100%
150%
200%
-50
0
50
100
150
Figure 7 - Normalized Rds(on) (%) Vs Tj (°C)
Tj, junction temperature (°C)
Tj, junction temperature (°C)
0
1
2
3
4
5
0
1020
3040
50
Vcc-Vout, supply voltage (V)
Figure 5 – Icc Off(µA) Vs Vcc-Vout (V)
Figure 6 – Vih and Vil (V) Vs Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com