Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7111STRL Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # AUIPS7111STRL
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7111STRL Datasheet(HTML) 1 Page - Infineon Technologies AG

  AUIPS7111STRL Datasheet HTML 1Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 2Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 3Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 4Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 5Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 6Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 7Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 8Page - Infineon Technologies AG AUIPS7111STRL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
November, 29th 2009
Automotive grade
AUIPS7111S
CURRENT SENSE HIGH SIDE SWITCH
Features
Suitable for 24V systems
www.irf.com
1
Over current shutdown
Over temperature shutdown
Current sensing
Active clamp
Low current
Reverse battery
ESD protection
Optimized Turn On/Off for EMI
Applications
24V loads for trucks
Description
The AUIPS7111S is a fully protected four terminal high
side switch. It features current sensing, over-current, over-
temperature, ESD protection and drain to source active
clamp. When the input voltage Vcc - Vin is higher than the
specified threshold, the output power Mosfet is turned on.
When the Vcc - Vin is lower than the specified Vil
threshold, the output Mosfet is turned off. The Ifb pin is
used for current sensing.
Product Summary
Rds(on)
7.5 mmax.
Vclamp
65V
Current shutdown 30A min.
Package
D²Pak-5 leads
Typical Connection
Out
IPS
IN
Rifb
Vcc
Load
Battery
Input
Power
Ground
Ifb
Logic
Ground
Current feeback
10k
On
Off


Similar Part No. - AUIPS7111STRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7111STRL IRF-AUIPS7111STRL Datasheet
196Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
More results

Similar Description - AUIPS7111STRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7121R IRF-AUIPS7121R Datasheet
355Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS6121R IRF-AUIPS6121R_15 Datasheet
749Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7111S IRF-AUIPS7111S_15 Datasheet
196Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125 IRF-AUIPS7125_15 Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7145R IRF-AUIPS7145R_15 Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
AUIPS71451G INFINEON-AUIPS71451G Datasheet
604Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2011
AUIPS7145R INFINEON-AUIPS7145R Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
10/02/2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com