Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTY2-243 Datasheet(PDF) 12 Page - Mini-Circuits

Part # MTY2-243
Description  RF Transformer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MTY2-243 Datasheet(HTML) 12 Page - Mini-Circuits

Back Button MTY2-243 Datasheet HTML 5Page - Mini-Circuits MTY2-243 Datasheet HTML 6Page - Mini-Circuits MTY2-243 Datasheet HTML 7Page - Mini-Circuits MTY2-243 Datasheet HTML 8Page - Mini-Circuits MTY2-243 Datasheet HTML 9Page - Mini-Circuits MTY2-243 Datasheet HTML 10Page - Mini-Circuits MTY2-243 Datasheet HTML 11Page - Mini-Circuits MTY2-243 Datasheet HTML 12Page - Mini-Circuits MTY2-243 Datasheet HTML 13Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV08T1
Operating Temperature
-40° to 85°C
Ambient Environment
Individual Model Data Sheet
Storage Temperature
-55° to 100° C or -65° to 150°
Ambient Environment
Individual Model Data Sheet
Thermal Shock
-55° to 100°C, 100 cycles
MIL-STD-202, Method 107, Condition A-3, except
+100°C
Mechanical Shock
1.5Kg, 0.5 ms, 5 shock pulses, Y1 direction only
MIL-STD-883, Method 2002, Condition B, except Y1
direction only
Vibration (Variable Frequency)
50g peak
MIL-STD-883, Method 2007, Condition B
Autoclave
15 psig, 100% RH, 121°C, 96 hours
JESD22-A102, Condition C
HAST
130°C, 85% RH, 96 hours
JESD22-A110
Solderability
10X Magnification
J-STD-002, Para 4.2.5, Test S, 95% Coverage
Solder Reflow Heat
Sn-Pb Eutetic Process: 240°C peak
Pb-Free Process: 260°C peak
J-STD-020, Table 4-1, 4-2 and 5-2; Figure 5-1
Moisture Sensitivity: Level 1
Bake at 125°C for 24 hours
Soak at 85°C/85% RH for 168 hours, Reflow 3 cycles at
260°C peak
J-STD-020
Marking Resistance to Solvents
Isopropyl alcohol + mineral spirits at 25°C; terpene defluxer
at 25°C;
distilled water + proylene glycol monomethyl ether +
MIL-STD-202, Method 215
This document and its contents are the property of Mini-Circuits.
Rev:
ENV08T1
B
02/18/11
File:
M130782
ENV08T1.pdf
Page: 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com