Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTY2-243 Datasheet(PDF) 4 Page - Mini-Circuits

Part # MTY2-243
Description  RF Transformer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MTY2-243 Datasheet(HTML) 4 Page - Mini-Circuits

  MTY2-243 Datasheet HTML 1Page - Mini-Circuits MTY2-243 Datasheet HTML 2Page - Mini-Circuits MTY2-243 Datasheet HTML 3Page - Mini-Circuits MTY2-243 Datasheet HTML 4Page - Mini-Circuits MTY2-243 Datasheet HTML 5Page - Mini-Circuits MTY2-243 Datasheet HTML 6Page - Mini-Circuits MTY2-243 Datasheet HTML 7Page - Mini-Circuits MTY2-243 Datasheet HTML 8Page - Mini-Circuits MTY2-243 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Page 4 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
MMIC Transformer
MTY2-243+
ESD Rating
Human Body Model (HBM): Class 1A (Pass 250 V) in accordance with ANSI/ESD STM 5.1 - 2001
Additional Detailed Technical Information
additional information is available on our dash board. To access this information
click here
Performance Data
Data Table
Swept Graphs
S-Parameter (S2P Files) Data Set (.zip file)
Case Style
MC1630-1 Plastic package, exposed paddle lead finish: Matte-Tin
Tape & Reel
F66
Standard quantities available on reel
7” reels with 20, 50, 100, 200, 500 or 1K devices
Suggested Layout for PCB Design
PL-656
Evaluation Board
TB-MTY2-243+ & TB-MTY2-243C+
Environmental Ratings
ENV08T1
Visual
Inspection
Electrical Test
SAM Analysis
Reflow 3 cycles,
260°C
Soak
85°C/85RH
168 hours
Bake at 125°C,
24 hours
Visual
Inspection
Electrical Test
SAM Analysis
Start
MSL Test Flow Chart
Stop
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this
specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria
and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”);
Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies
thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com