Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTY2-243+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # MTY2-243+
Description  RF Transformer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MTY2-243+ Datasheet(HTML) 1 Page - Mini-Circuits

  MTY2-243+ Datasheet HTML 1Page - Mini-Circuits MTY2-243+ Datasheet HTML 2Page - Mini-Circuits MTY2-243+ Datasheet HTML 3Page - Mini-Circuits MTY2-243+ Datasheet HTML 4Page - Mini-Circuits MTY2-243+ Datasheet HTML 5Page - Mini-Circuits MTY2-243+ Datasheet HTML 6Page - Mini-Circuits MTY2-243+ Datasheet HTML 7Page - Mini-Circuits MTY2-243+ Datasheet HTML 8Page - Mini-Circuits MTY2-243+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Page 1 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
50Ω 10 to 24 GHz
RFTransformer
MMIC Balun
MTY2-243+
CASE STYLE: MC1630-1
The Big Deal
• Wideband, 10 to 24 GHz
• Low insertion loss, 1.0 dB typ. to 20 GHz
• Low unbalance, 0.7 dB, 6°
• Power handling up to +31 dBm
Product Overview
Mini-Circuits MTY2-243+ is a wideband MMIC balun transformer with an impedance ratio of 2:1 covering a
wide range of applications from 10 to 24 GHz. Fabricated using HBT process technology, this model pro-
vides outstanding repeatability with low insertion loss, low amplitude unbalance, low phase unbalance, and
RF input power handling up to +31 dBm (1.25W). The unit comes housed in a tiny 2x2x1mm QFN package
with low inductance, excellent thermal efficiency, and high ESD rating.
Key Features
Feature
Advantages
Wideband, 10 to 24 GHz
MTY2-243+ supports a broad variety of applications including instrumentation, radar,
SATCOM and more.
Low insertion loss
• 1.0 dB, 10 to 20 GHz
• 1.5 dB, 20 to 24 GHz
Enables excellent signal power transmission from input to output.
Low unbalance
• 0.7 dB amplitude unbalance
• 6° phase unbalance
Low unbalance can improve a system’s electromagnetic compatibility by rejecting un-
wanted common-mode noise.
Tiny size, 2 x 2 x 1mm
Accommodates tight space requirements for dense PCB layouts.


Similar Part No. - MTY2-243+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MTY2-243-D MINI-MTY2-243-D Datasheet
384Kb / 7P
RF Transformer Die
MTY2-243-D+ MINI-MTY2-243-D+ Datasheet
384Kb / 7P
RF Transformer Die
More results

Similar Description - MTY2-243+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com