Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTY2-243+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # MTY2-243+
Description  RF Transformer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MTY2-243+ Datasheet(HTML) 2 Page - Mini-Circuits

  MTY2-243+ Datasheet HTML 1Page - Mini-Circuits MTY2-243+ Datasheet HTML 2Page - Mini-Circuits MTY2-243+ Datasheet HTML 3Page - Mini-Circuits MTY2-243+ Datasheet HTML 4Page - Mini-Circuits MTY2-243+ Datasheet HTML 5Page - Mini-Circuits MTY2-243+ Datasheet HTML 6Page - Mini-Circuits MTY2-243+ Datasheet HTML 7Page - Mini-Circuits MTY2-243+ Datasheet HTML 8Page - Mini-Circuits MTY2-243+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Page 2 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Electrical Specifications at 25°C
Maximum Ratings
Parameter
Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Input RF Power
31 dBm
Pad Connections
Function
Pad Number
PRIMARY DOT (Unbalanced Port)
2
SECONDARY DOT (Balanced)
6
SECONDARY (Balanced)
4
GND
1,3 & paddle
NC (grounded on TB)
5
Permanent damage may occur if any of these limits are exceeded.
MTY2-243+
50Ω
10 to 24 GHz
RF Transformer
MMIC Balun
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: MC1630-1
Features
• wideband, 10 to 24 GHz
• low phase unbalance, 6 deg. and
amplitude unbalance, 0.7 dB typ.
• miniature size, (2 x 2 x 1 mm)
• low cost
• aqueous washable
Applications
• Radar
• SATCOM
• Instrumentation
Configuration J
NO
CONNECTION*
PRI
SEC
*Internal open circuit
1. Above 3dB theoretical.
2. Relative to 180°
REV. OR
ECO-000768
MTY2-243+
GY/RS/CP
200214
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Unit
Impedance Ratio
2
Frequency Range
10
24
GHz
Insertion Loss1
10-12
—
1.0
1.7
dB
12-15
—
1.0
1.5
15-20
—
1.0
1.7
20-24
—
1.5
2.2
Amplitude Unbalance
10-12
0.7
dB
12-15
0.3
15-20
0.7
20-24
0.4
Phase Unbalance3
10-12
5.8
Degree
12-15
6.4
15-20
5.5
20-24
2.9
Generic photo used for illustration purposes only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com