Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2007QFN Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2007QFN
Description  DC-6GHz DPDT Diversity Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2007QFN Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2007QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Data Sheet
2.1
1
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filtronic.co.uk/semis
FMS2007QFN
DC-6GHz DPDT Diversity Switch
Features:
♦ 3x3x0.9mm Packaged pHEMT Switch
♦ Very High Tx-Rx isolation
♦ Suitable for WLAN 802.11a and 802.11b/g
Applications
♦ Filtronic Advanced GaAs pHEMT
Technology
♦ Low Insertion Loss
♦ Excellent low control voltage performance
Description and Applications:
The FMS2007QFN is a low loss linear Double-Pole Double-Throw dual band diversity switch
designed for use in WLAN applications. The die is fabricated using the Filtronic FL05 0.5
µm switch
process technology, which offers leading edge performance optimised for switch applications. Typical
applications are for UNII, Hiperlan, 802.11a and 802.11b/g systems that employ two antennas for
transmit and receive diversity.
Electrical Specifications: (T
AMBIENT = 25°C,Vcntrl = 0V/(2.4,3.3V), ZIN = ZOUT = 50Ω)
Parameter
Simulated Conditions
Min
Typ
Max
Units
Insertion Loss
2.4GHz
0.9
dB
Insertion Loss
6GHz
1.15
dB
Return Loss
2.4GHz
18
dB
Return Loss
6GHz
15
dB
Tx-Rx Isolation
2.4GHz
-37
dB
Tx-Rx Isolation
6GHz
-25
dB
2nd Harmonic Level
2.4, 6 GHz, Pin = 20dBm, Vctrl = 2.4V
-70
dBc
3rd Harmonic Level
2.4, 6 GHz, Pin = 20dBm, Vctrl =2.4V
-70
dBc
Switching speed
Vctrl=2.4V, Pin=20dBm
30
nS
Note: External DC blocking capacitors are required on all RF ports (typ: 47pF)
Functional Schematic
V4
TX / RF1
V3
ANT1
RF3
ANT2
RF4
V1
RX / RF2
V2


Similar Part No. - FMS2007QFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2007 FILTRONIC-FMS2007 Datasheet
213Kb / 6P
DC-6GHz DPDT Diversity Switch
FMS2007-000-EB FILTRONIC-FMS2007-000-EB Datasheet
213Kb / 6P
DC-6GHz DPDT Diversity Switch
FMS2007-000-FF FILTRONIC-FMS2007-000-FF Datasheet
213Kb / 6P
DC-6GHz DPDT Diversity Switch
FMS2007-000-GP FILTRONIC-FMS2007-000-GP Datasheet
213Kb / 6P
DC-6GHz DPDT Diversity Switch
FMS2007-000-WP FILTRONIC-FMS2007-000-WP Datasheet
213Kb / 6P
DC-6GHz DPDT Diversity Switch
More results

Similar Description - FMS2007QFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2007 FILTRONIC-FMS2007 Datasheet
213Kb / 6P
DC-6GHz DPDT Diversity Switch
logo
Tyco Electronics
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
GaAs DPDT Diversity Switch DC - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
GaAs DPDT Diversity Switch
MASWSS0190 MA-COM-MASWSS0190_15 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch
logo
Hexawave, Inc
HWS454_V4 HW-HWS454_V4_15 Datasheet
112Kb / 5P
GaAs 0.5-6GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
GaAs DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129_15 Datasheet
669Kb / 5P
GaAs Broadband DPDT Diversity Switch
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
GaAs DPDT Diversity Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com