Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2018 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2018
Description  SP7T GaAs Multi-Band GSM - UMTS Antenna Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2018 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2018 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2018 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2018 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2018 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2018 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Product Information 1.2
1
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filss.com
Website: www.filcs.com
FMS2018
SP7T GaAs Multi-Band GSM – UMTS Antenna Switch
Features:
Functional Schematic
♦ Available in die form
♦ Suitable for multi-band GSM/DCS/PCS/
EDGE and UMTS applications
♦ Excellent low control voltage performance
♦ Excellent harmonic performance under
GSM/DCS/PCS power levels
♦ Very high Tx-Rx isolation >35dB typ. at
1.8GHz
♦ Very high Tx-Tx isolation >30dB typ. at
1.8GHz
♦ Very low Tx Insertion loss
♦ Very low control current
Description and Applications:
The FMS2018 is a low loss, high power and linear single pole seven throw Gallium Arsenide antenna
switch designed for use in mobile handset applications. The die is fabricated using the Filtronic FL05
0.5
µm switch process technology which offers leading edge performance optimised for switch
applications.
The FMS2018 is designed for use in dual/tri and quad-band GSM handset antenna
switch modules and RF front-end modules.
Electrical Specifications: (T
AMBIENT = 25°C,Vcontrol = 0V/2.5V, ZIN = ZOUT = 50Ω)
Parameter
Test Conditions
Min
Typ
Max
Units
Tx Insertion Loss
0.5 – 1.0 GHz
1.0 – 2.0 GHz
0.5
0.6
dB
dB
Rx Insertion Loss
0.5 – 1.0 GHz
1.0 – 2.0 GHz
0.6
0.8
dB
dB
Return Loss
0.5 – 2.5 GHz
20
dB
Isolation
TX-RX
0.5 – 1.0 GHz
1.0 – 2.0 GHz
40
35
dB
dB
Isolation
TX-TX
0.5 – 1.0 GHz
1.0 – 2.0 GHz
33
30
dB
dB
2nd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
2 GHz, Pin = +33 dBm, 100% Duty Cycle
-75
-75
dBc
dBc
3rd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
2 GHz, Pin = +33 dBm, 100% Duty Cycle
-75
-75
dBc
dBc
Switching speed : Trise, Tfall
Ton, Toff
10% to 90% RF and 90% to 10% RF
50% control to 90% RF and 50% control to 10% RF
< 0.3
< 1.0
µs
µs
Note: External DC blocking capacitors are required on all RF ports (typ: 100pF)
ANT
TX3
VTX3
RX1
RX2
RX3
RX4
VRX1
VRX2
VRX3
VRX4
VRXC
TX1
VTX1
TX2
VTX2
ANT
TX3
VTX3
RX1
RX2
RX3
RX4
VRX1
VRX2
VRX3
VRX4
VRXC
TX1
VTX1
TX2
VTX2


Similar Part No. - FMS2018

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2010 FILTRONIC-FMS2010 Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2010-000-EB FILTRONIC-FMS2010-000-EB Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2010-000-FF FILTRONIC-FMS2010-000-FF Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2010-000-GP FILTRONIC-FMS2010-000-GP Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2010-000-WP FILTRONIC-FMS2010-000-WP Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
More results

Similar Description - FMS2018

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1198AEQ SONY-CXG1198AEQ Datasheet
143Kb / 11P
SP8T GSM/UMTS Dual Mode Antenna Switch
logo
Filtronic Compound Semi...
FMS2010 FILTRONIC-FMS2010 Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2011 FILTRONIC-FMS2011 Datasheet
373Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2016 FILTRONIC-FMS2016 Datasheet
146Kb / 4P
SP4T GaAs Multi-Band GSM Antenna Switch
FMS2028 FILTRONIC-FMS2028 Datasheet
308Kb / 5P
SP6T GaAs Multi-Band GSM Antenna Switch
logo
Sony Corporation
CXG1224XR SONY-CXG1224XR Datasheet
100Kb / 7P
SP4TSP4T Antenna Switch for GSM/UMTS
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
SP4T Antenna Switch for GSM/UMTS
CXG1228XR SONY-CXG1228XR Datasheet
190Kb / 8P
SP8T Antenna Switch for GSM/UMTS
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3517BER SONY-CXM3517BER Datasheet
227Kb / 10P
SP7T Antenna Switch Module for GSM and UMTS or CDMA Dual Mode Handset
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com