Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2018 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2018
Description  SP7T GaAs Multi-Band GSM - UMTS Antenna Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2018 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2018 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2018 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2018 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2018 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2018 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Advanced Product Information 1.2
2
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filss.com
Website: www.filcs.com
FMS2018
Truth Table:
VTx1
VTx2
VTx3
VRx1
VRx2
VRx3
VRx4
VM
ON PATH
High
Low
Low
Low
Low
Low
Low
Low
ANT-TX1
Low
High
Low
Low
Low
Low
Low
Low
ANT-TX2
Low
Low
High
Low
Low
Low
Low
Low
ANT-TX3
Low
Low
Low
High
Low
Low
Low
High
ANT-RX1
Low
Low
Low
Low
High
Low
Low
High
ANT-RX2
Low
Low
Low
Low
Low
High
Low
High
ANT-RX3
Low
Low
Low
Low
Low
Low
High
High
ANT-RX4
Note: ‘High’ = +2.5V to +5V
‘Low’ = 0V to +0.2V
Pad and Die Layout:
Note: Co-ordinates are referenced from the
bottom left hand corner of the die to the centre
of the bond pad opening
Die Size (
µm)
Die Thickness (
µm)
Min. Bond Pad
Pitch(
µm)
Min. Bond pad
opening (
µm)
1230 x 1250
100
88
70 x 70
Pad
Pad
Name
Description
Pin
Coordinates
(µm)
A
ANT
Antenna
698, 1167
B
Tx1
TX1 RF Output
183, 110
C
Tx2
TX2 RF Output
182, 498
D
Tx3
TX3 RF Output
184, 1147
E
Rx1
RX1 RF Output
1066, 536
F
Rx2
RX2 RF Output
1063, 663
G
Rx3
RX3 RF Output
1063, 993
H
Rx4
RX4 RF Output
1066, 1126
I
VTX1
TX1 Control Voltage
693, 102
J
VTX2
TX2 Control Voltage
798, 102
K
VTX3
TX3 Control Voltage
903, 102
L
VRX1
RX1 Control Voltage
995, 633
M
V RX2
RX2 Control Voltage
1066, 326
N
V RX3
RX3 Control Voltage
1066, 427
O
V RX4
RX4 Control Voltage
1008, 102
P
VRXC
Common Receive Switch
Control Voltage
1113, 102
Q
GND T1
Ground 1
178, 392
R
GND T2
Ground 2
184, 764
S
GND T3
Ground 3
184, 877
T
GND Rc
Ground 4
1066, 771
D
E
F
L
G
Q
P
N
K
J
I
H
T
S
R
O
M
A
B
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com