Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2020 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2020
Description  GaAs Multi-Purpose Wide Band SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2020 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2020 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2020 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2020 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2020 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Product Information 1.1
1
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filcs.com
FMS2020
GaAs Multi-Purpose Wide Band SPDT Switch
Features:
♦ Available in die form
♦ Suitable for L and S-band digital
cellular, cordless telephony and WLAN
applications
♦ High isolation, 30dB typ at 2.5GHz
♦ Low insertion loss, 0.4dB typ at 2.5GHz
♦ P0.1dB > 35dBm
Functional Schematic
Description and Applications:
The FMS2020 is a low loss, high power and linear single pole dual throw Gallium Arsenide antenna
switch. The die is fabricated using the Filtronic FL05 0.5
µm switch process technology which offers
leading edge performance optimised for switch applications. The FMS2020 is designed for use in L
and S band wireless applications.
Electrical Specifications: (T
AMBIENT = 25°C,Vcontrol = 0V/2.5V, ZIN = ZOUT = 50Ω)
Parameter
Test Conditions
Min
Typ
Max
Units
Insertion Loss
0.5 – 1.0 GHz
1.0 – 2.5 GHz
0.4
0.4
dB
dB
Return Loss
0.5 – 2.5 GHz
25
dB
Isolation
0.5 – 1.0 GHz
1.0 – 2.5 GHz
33
30
dB
dB
Input power at 0.1dB compression point
1GHz
36
2nd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
-75
dBc
3rd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
-75
dBc
Switching speed : Trise, Tfall
Ton, Toff
10% to 90% RF and 90% to 10% RF
50% control to 90% RF and 50% control to 10%
RF
<0.3
<1.0
µs
µs
Control Current
1
µA
Note: External DC blocking capacitors are required on all RF ports (typ: 100pF)
ANT
V1
RF1
V2
RF2


Similar Part No. - FMS2020

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2020-001 FILTRONIC-FMS2020-001 Datasheet
181Kb / 6P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020-001-EB FILTRONIC-FMS2020-001-EB Datasheet
181Kb / 6P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020QFN FILTRONIC-FMS2020QFN Datasheet
181Kb / 6P
GaAs Multi-Purpose Wide Band SPDT Switch
More results

Similar Description - FMS2020

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2020QFN FILTRONIC-FMS2020QFN Datasheet
181Kb / 6P
GaAs Multi-Purpose Wide Band SPDT Switch
logo
California Eastern Labs
UPD5713TK CEL-UPD5713TK Datasheet
180Kb / 7P
WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK_1 Datasheet
192Kb / 11P
WIDE BAND SPDT SWITCH
logo
NEC
UPG137GV NEC-UPG137GV_97 Datasheet
28Kb / 3P
L-BAND SPDT GaAs MMIC SWITCH
logo
Filtronic Compound Semi...
FMS2031-001 FILTRONIC-FMS2031-001 Datasheet
248Kb / 7P
10 Watt GaAs Wide Band SPDT Switch
logo
NEC
UPD5713TK NEC-UPD5713TK Datasheet
104Kb / 12P
WIDE BAND SPDT SWITCH
logo
California Eastern Labs
UPD5713TK-A CEL-UPD5713TK-A Datasheet
468Kb / 10P
WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK_09 Datasheet
468Kb / 10P
WIDE BAND SPDT SWITCH
logo
Renesas Technology Corp
PD5713TK RENESAS-PD5713TK Datasheet
227Kb / 14P
WIDE BAND SPDT SWITCH
logo
California Eastern Labs
UPD5713TK CEL-UPD5713TK_12 Datasheet
587Kb / 11P
WIDE BAND SPDT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com