Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2020 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2020
Description  GaAs Multi-Purpose Wide Band SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2020 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2020 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2020 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2020 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2020 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Product Information 1.1
2
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filcs.com
FMS2020
Truth Table:
V1
V2
PATH (ON)
High
Low
RF1-ANT
Low
High
RF2-ANT
Note:
‘High’ = +2.5V to +5V
‘Low’
= 0V to 0.2V
Pad and Die Layout:
Note: Co-ordinates are referenced from the bottom left hand corner of the die to the centre of the
bond pad opening
Die Size (
µm)
Die Thickness (
µm)
Min. Bond Pad
Pitch(
µm)
Min. Bond pad
opening (
µm)
930 x 1020(engineering mask)
100
166
70 x 70
Pad
Pad
Name
Description
Pin Coordinates
(µm)
A
ANT
Antenna
732, 510
B
RF1
RF1 Output
270, 920
C
RF2
RF2 Output
280, 101
D
V1
RF1 Control Voltage
731, 918
E
V2
RF2 Control Voltage
734, 98
F
GND T1
Ground 1
186, 885
G
GND T2
Ground 2
186, 420
A
B
G
F
E
D
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com