Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2021 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2021
Description  DC- 6 GHz SPDT WLAN GaAs Low Loss Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2021 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2021 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2021 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2021 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2021 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Product Information
1.1
2
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filcs.com
FMS2021
Truth Table:
State
Vctrl1
Vctrl2
Vctrl3
Vctrl4
ON PATH(S)
1
HIGH
LOW
LOW
LOW
ANT1-RX
2
LOW
HIGH
LOW
LOW
ANT2-RX
3
LOW
LOW
HIGH
LOW
ANT2-TX
4
LOW
LOW
LOW
HIGH
ANT1-TX
5
LOW
HIGH
LOW
HIGH
ANT1-TX and ANT2-RX
6
HIGH
LOW
HIGH
LOW
ANT1-RX and ANT2-TX
Note:
‘High’
= +2.4V to +3.3V
‘Low’
= 0V to +0.2V
Pad and Die Layout:
Note: Co-ordinates are referenced from the bottom left hand corner of the die to the centre of the
bond pad opening
Die Size
(µm x µm)
Die Thickness (
µm)
Min. Bond Pad
Pitch(
µm)
Min. Bond pad
opening (
µm x µm)
660 x 680
150
129
80 x 80
Pad
Name
Description
Pin Coordinates
(x
µm, y µm)
V4
Vctrl4
134 , 568
ANT1
Antenna 1
134 , 439
ANT2
Antenna 2
134 , 257
V1
Vcrtl1
134 , 114
GND2
Ground 2
355.5 , 114
V3
Vctrl3
547 , 114
RX
Receive
547 , 257
TX
Transmit
547 , 439
V2
Vctrl2
547 , 568
GND1
Ground 1
353 , 568
V4
ANT1
ANT2
V1
V2
TX
RX
V3
GND1
GND2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com