Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2021 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2021
Description  DC- 6 GHz SPDT WLAN GaAs Low Loss Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2021 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2021 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2021 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2021 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2021 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Product Information
1.1
1
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filcs.com
FMS2021
DC- 6 GHz SPDT WLAN GaAs Low Loss Switch
Features:
♦ Suitable for Multi-band WLAN Applications
♦ Excellent low control voltage performance
♦ Very low Insertion loss <0.7 dB at 6GHz typical
♦ High isolation >25 dB at 6GHz typical
Description and Applications:
The FMS2021 is a low loss, multi-band single pole double throw Gallium Arsenide antenna switch
designed for use in Wireless LAN applications. The die is fabricated using the Filtronic FL05 0.5
µm
switch process technology that offers leading edge performance, optimised for switch applications.
Simulated Electrical Specifications: (T
AMBIENT = 25°C,Vctrl = 0V/(2.4V,+3.3V), ZIN = ZOUT = 50Ω)
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss (All Paths)
(0.5-6) GHz, Small Signal
0.7
dB
Isolation (All Paths)
(0.5-6) GHz, Small Signal
25
dB
Return Loss
(0.5-6) GHz, Small Signal
20
dB
2nd Harmonic Level
3 GHz, Pin = 20dBm, Vctrl =2.4V
-70
dBc
3rd Harmonic Level
3 GHz, Pin = 20dBm, Vctrl =2.4V
-70
dBc
Switching speed
Vctrl=2.4V, Pin=20dBm
30
ns
P1dB
Measured at 2.4V control
30
dBm
Note: External DC blocking capacitors are required on all RF ports (typ: 47pF)
Functional Schematic
ANT1
V2
V1
RX
TX
ANT2
V3
V4
ANT1
V2
V1
RX
TX
ANT2
V3
V4


Similar Part No. - FMS2021

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2020 FILTRONIC-FMS2020 Datasheet
214Kb / 4P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020-001 FILTRONIC-FMS2020-001 Datasheet
181Kb / 6P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020-001-EB FILTRONIC-FMS2020-001-EB Datasheet
181Kb / 6P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020QFN FILTRONIC-FMS2020QFN Datasheet
181Kb / 6P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2022 FILTRONIC-FMS2022 Datasheet
149Kb / 4P
DC-4 GHz MMIC SP4T Absorptive Switch
More results

Similar Description - FMS2021

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2006 FILTRONIC-FMS2006 Datasheet
134Kb / 4P
DC- 6 GHz SPDT WLAN GaAs Low Loss Switch
logo
Hexawave, Inc
HWS382 HW-HWS382 Datasheet
119Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS398 HW-HWS398 Datasheet
116Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS466 HW-HWS466 Datasheet
72Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS468 HW-HWS468 Datasheet
141Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS468_V2 HW-HWS468_V2_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS466_V5 HW-HWS466_V5_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS452_V5 HW-HWS452_V5_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com