Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2022 Datasheet (PDF) - Filtronic Compound Semiconductors

FMS2022 Datasheet PDF - Filtronic Compound Semiconductors
Part # FMS2022
Download  FMS2022 Download
File Size   149.59 Kbytes
Page   4 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description DC-4 GHz MMIC SP4T Absorptive Switch

FMS2022 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMS2022 Datasheet PDF - Filtronic Compound Semiconductors

Part # FMS2022
Download  FMS2022 Click to download

File Size   149.59 Kbytes
Page   4 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description DC-4 GHz MMIC SP4T Absorptive Switch

FMS2022 Datasheet (HTML) - Filtronic Compound Semiconductors




Similar Part No. - FMS2022

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2020 FILTRONIC-FMS2020 Datasheet
214Kb / 4P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020-001 FILTRONIC-FMS2020-001 Datasheet
181Kb / 6P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020-001-EB FILTRONIC-FMS2020-001-EB Datasheet
181Kb / 6P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020QFN FILTRONIC-FMS2020QFN Datasheet
181Kb / 6P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2021 FILTRONIC-FMS2021 Datasheet
120Kb / 4P
DC- 6 GHz SPDT WLAN GaAs Low Loss Switch
More results


Similar Description - FMS2022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW90-0003 MACOM-SW90-0003 Datasheet
240Kb / 3P
GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
Filtronic Compound Semi...
FMS2029 FILTRONIC-FMS2029_1 Datasheet
182Kb / 5P
DC-20 GHZ MMIC SPST ABSORPTIVE SWITCH
FMS2027 FILTRONIC-FMS2027_1 Datasheet
184Kb / 5P
DC-20 GHZ MMIC SPDT ABSORPTIVE SWITCH
logo
M/A-COM Technology Solu...
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW65-0440 MA-COM-SW65-0440 Datasheet
180Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC241LP3 HITTITE-HMC241LP3_08 Datasheet
194Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
M/A-COM Technology Solu...
MASWCC0009 MA-COM-MASWCC0009_15 Datasheet
864Kb / 7P
GaAs SP4T Switch, Absorptive DC - 3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com