Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2022 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2022
Description  DC-4 GHz MMIC SP4T Absorptive Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2022 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2022 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2022 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2022 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2022 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Product Information
1.1
2
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filtronic.co.uk/semis
FMS2022
Truth Table:
Control Lines
RF Path
A1 B1 A2 B2 A3 B3 A4 B4 IN-OUT1 IN-OUT2 IN-OUT3 IN-OUT4
-5V
0V
0V
-5V
0V
-5V
0V
-5V
ON
OFF
OFF
OFF
0V
-5V
-5V
0V
0V
-5V
0V
-5V
OFF
ON
OFF
OFF
0V
-5V
0V
-5V
-5V
0V
0V
-5V
OFF
OFF
ON
OFF
0V
-5V
0V
-5V
0V
-5V
-5V
0V
OFF
OFF
OFF
ON
Note: -5V
± 0.5V, 0V+0.5V
Pad Layout:
Note: Co-ordinates are referenced from the bottom left hand corner of the die to the centre of the
bond pad opening
Die Size
( µm x µm )
Die Thickness (
µm)
Min. Bond Pad
Pitch(
µm)
Min. Bond pad
Opening (
µm xµm )
950 x 1320
150
130
94 x 94
Pad
Reference
Description
Pin Coordinates
(µm)
IN
RFIN
142,657.5
OUT1
RFOUT1
142,1174
OUT2
RFOUT2
675,1174
OUT3
RFOUT3
675,141
OUT4
RFOUT4
142,141
A1
A1
805,878
B1
B1
805,731
A2
A2
805,1172
B2
B2
805,1025
A3
A3
805,290
B3
B3
805,143
A4
A4
805,584
B4
B4
805,437
GND1
GND
504,1174
GND2
GND
504,141
GND3
GND
142,869
GND4
GND
142,446
IN
GND3
GND4
A2
B2
A1
B1
A4
B4
A3
B3
OUT1
GND1 OUT2
OUT4
GND2 OUT3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com