Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2022 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2022
Description  DC-4 GHz MMIC SP4T Absorptive Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2022 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2022 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2022 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2022 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2022 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Product Information
1.1
1
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filtronic.co.uk/semis
FMS2022
DC–4 GHz MMIC SP4T Absorptive Switch
Features:
♦ Available in die form
♦ Suitable for WLAN Applications
♦ Low Insertion loss <1.3 dB at 4 GHz typical
♦ High isolation >30 dB at 4 GHz typical
♦ Absorptive
Functional Schematic
OUT1
GND OUT2
IN
A2
GND
GND
OUT4
GND OUT3
B2
A1
B1
A4
B4
A3
B3
Description and Applications:
The FMS2022 is a low loss high isolation DC-4GHz single pole four throw Gallium Arsenide
absorptive switch designed for use in WLAN Applications. The die is fabricated using the Filtronic
FL05 0.5
µm switch process technology that offers leading edge performance optimised for switch
applications.
Simulated Electrical Specifications: (T
AMBIENT = 25°C, Vctrl = 0V/-5V), ZIN = ZOUT = 50Ω)
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss
(DC-2) GHz
1
dB
Insertion Loss
(2-4) GHz
1.3
dB
Isolation
(DC-2) GHz
45
dB
Isolation
(2-4) GHz
30
dB
Return Loss (On state)
(DC-4) GHz
17
dB
Return Loss (Off state)
(DC-4) GHz
12
dB
Switching speed
50% control to 10% / 90% RF
25
ns
P1dB
(1-100) MHz
17
dBm
P1dB
(100-500) MHz
24
dBm
P1dB
(0.5-40) GHz
28
dBm
Note: External DC decoupling capacitors are required on all DC lines (typ: 47pF)


Similar Part No. - FMS2022

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2020 FILTRONIC-FMS2020 Datasheet
214Kb / 4P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020-001 FILTRONIC-FMS2020-001 Datasheet
181Kb / 6P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020-001-EB FILTRONIC-FMS2020-001-EB Datasheet
181Kb / 6P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020QFN FILTRONIC-FMS2020QFN Datasheet
181Kb / 6P
GaAs Multi-Purpose Wide Band SPDT Switch
FMS2021 FILTRONIC-FMS2021 Datasheet
120Kb / 4P
DC- 6 GHz SPDT WLAN GaAs Low Loss Switch
More results

Similar Description - FMS2022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW90-0003 MACOM-SW90-0003 Datasheet
240Kb / 3P
GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
Filtronic Compound Semi...
FMS2029 FILTRONIC-FMS2029_1 Datasheet
182Kb / 5P
DC-20 GHZ MMIC SPST ABSORPTIVE SWITCH
FMS2027 FILTRONIC-FMS2027_1 Datasheet
184Kb / 5P
DC-20 GHZ MMIC SPDT ABSORPTIVE SWITCH
logo
M/A-COM Technology Solu...
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW65-0440 MA-COM-SW65-0440 Datasheet
180Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC241LP3 HITTITE-HMC241LP3_08 Datasheet
194Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
M/A-COM Technology Solu...
MASWCC0009 MA-COM-MASWCC0009_15 Datasheet
864Kb / 7P
GaAs SP4T Switch, Absorptive DC - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com