Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2022 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FMS2022
Description  DC-4 GHz MMIC SP4T Absorptive Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2022 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FMS2022 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2022 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2022 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2022 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Advanced Product Information
1.1
3
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filtronic.co.uk/semis
FMS2022
Simulated Performance:
Insertion Loss
01
234
Frequency (GHz)
-1.3
-1.2
-1.1
-1
-0.9
-0.8
Isolation
01
23
4
Frequency (GHz)
-70
-60
-50
-40
-30
Return Loss
01
23
4
Frequency (GHz)
-35
-30
-25
-20
-15
-10
On state
Off state



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com