Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2024 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2024
Description  DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2024 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2024 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2024 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2024 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2024 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC–20 GHZ MMIC SPDT REFLECTIVE SWITCH
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
Preliminary Datasheet v2.2
FMS2024
FEATURES:
•
Available in die form
•
Low Insertion loss 1.6 dB at 20GHz typical
•
Very high isolation 37 dB at 20GHz typical
•
Excellent low control voltage performance
GENERAL DESCRIPTION:
The FMS2024 is a low loss high isolation
broadband single pole single throw Gallium
Arsenide switch designed for use in broadband
communications instrumentation and electronic
warfare applications.
The die is fabricated
using the Filtronic FL05 0.5
µm switch process
technology
that
offers
leading
edge
performance optimised for switch applications.
FUNCTIONAL SCHEMATIC:
V2
V1
RFO1
V3
V4
RFO2
RFIN
V11
V22
V33
V44
V2
V1
RFO1
V3
V4
RFO2
RFIN
V11
V22
V33
V44
TYPICAL APPLICATIONS:
•
Broadband communications
•
Instrumentation
•
Electronic warfare (ECM, ESM)
ELECTRICAL SPECIFICATIONS (based on on-wafer measurements):
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Insertion Loss
(DC-10) GHz, Small Signal
1.2
dB
Insertion Loss
(10-15) GHz, Small Signal
1.35
dB
Insertion Loss
(15-20) GHz, Small Signal
1.55
dB
Isolation
(DC-10) GHz, Small Signal
48
dB
Isolation
(10-15) GHz, Small Signal
42
dB
Isolation
(15-20) GHz, Small Signal
37
dB
Return Loss
(DC-20) GHz, Small Signal
15
dB
Switching speed
50% control to 10% / 90% RF
10
ns
P1dB
-5V control
26
dBm
Note: TAMBIENT = 25°C, Vctrl = 0V/-5V, ZIN = ZOUT = 50
Ω


Similar Part No. - FMS2024

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024 Datasheet
184Kb / 5P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
FMS2024-000 FILTRONIC-FMS2024-000 Datasheet
184Kb / 5P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
FMS2024 FILTRONIC-FMS2024_1 Datasheet
184Kb / 5P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
More results

Similar Description - FMS2024

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
logo
Filtronic Compound Semi...
FMS2027 FILTRONIC-FMS2027 Datasheet
146Kb / 4P
DC-20 GHZ MMIC SPDT NON-REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC347 HITTITE-HMC347_07 Datasheet
204Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024_1 Datasheet
184Kb / 5P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC347 HITTITE-HMC347_09 Datasheet
214Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Custom MMIC Design Serv...
CMD195 MMIC-CMD195 Datasheet
210Kb / 9P
DC-20 GHz SPDT Non-reflective Switch
logo
Analog Devices
HMC547ALP3E AD-HMC547ALP3E Datasheet
403Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com