Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2024 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2024
Description  DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2024 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2024 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2024 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2024 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2024 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
2
Preliminary Datasheet v2.2
FMS2024
ABSOLUTE MAXIMUM RATINGS:
Note: Exceeding any one of these absolute
maximum ratings may cause permanent
damage to the device.
PAD LAYOUT:
PARAMETER
SYMBOL
ABSOLUTE
MAXIMUM
Max Input Power
Pin
+38dBm
Control Voltage
Vctrl
+XV
Operating Temp
Toper
-40°C to +100°C
Storage Temp
Tstor
-55°C to +150°C
PAD
NAME
DESCRIPTION
PIN
COORDINATES (µm)
RFIN
RFIN
116,1055
RFO1
RFOUT1
1408,1929
RFO2
RFOUT2
1408,181
V1
V1
645, 1929
V2
V2
395, 1929
V3
V3
395, 181
V4
V4
645, 181
V11
V11
1753,1608
V22
V22
1753,1408
V33
V33
1753,702
V44
V44
1753,502
Note: Co-ordinates are referenced from the bottom
left hand corner of the die to the centre of bond pad
opening
DIE SIZE (
µm)
DIE THICKNESS (
µm)
MIN. BOND PAD PITCH
(
µm)
MIN. BOND PAD OPENING
(
µm x µm )
1910 x 2110
100
150
116 x 116
TRUTH TABLE:
CONTROL LINES
RF PATH
V1 OR V11
V2 OR V22
V3 OR V33
V4 OR V44
RFIN-RFO1
RFIN-RFO2
-5V
0V
-5V
0V
On
Off
0V
-5V
0V
-5V
Off
On
0V
-5V
-5V
0V
Off
Off
Note: -5V
± 0.2V; 0V ± 0.2V
Note: V11, V22, V33 and V44 are alternative control lines to V1, V2, V3 and V4 respectively



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com