Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2029 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2029
Description  DC-20 GHZ MMIC SPST NON-REFLECTIVE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2029 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2029 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2029 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2029 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2029 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC–20 GHZ MMIC SPST NON-REFLECTIVE SWITCH
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
Preliminary Datasheet v2.1
FMS2029
YPICAL
APPLICATIONS:
s
(ECM, ESM)
FEATURES:
•
Available in die form
•
Both ports Non-Reflective
•
Low Insertion loss 2.2dB at 20 GHz typical
•
Very high isolation 50dB at 20 GHz typical
•
Excellent low control voltage performance
GENERAL DESCRIPTION:
The
FMS2029
is
a
loss,
high
isolation
broadband single pole single throw Gallium
Arsenide switch designed for use in broadband
communications,
instrumentation
and
electronic warfare applications.
It offers non-
reflective properties from both ports.
The die
is fabricated using the Filtronic FL05 0.5
µm
switch process technology that offers leading
edge
performance
optimised
for
switch
applications.
FUNCTIONAL SCHEMATIC:
RFin
RFout
V1
V2
RFin
RFout
V1
V2
RFin
RFout
V1
V2
T
•
Broadband communication
•
Instrumentation
•
Electronic warfare
ELECTRICAL SPECIFICATIONS (based on on-wafer measurements):
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Insertion Loss
(DC-10) GHz, Small Signal
1.4
dB
Insertion Loss
(10-15) GHz, Small Signal
1.6
dB
Insertion Loss
(15-20) GHz, Small Signal
2.2
dB
Isolation
(DC-10) GHz, Small Signal
70
dB
Isolation
(10-15) GHz, Small Signal
57
dB
Isolation
(15-20) GHz, Small Signal
50
dB
Input Return Loss (on state)
(DC-20) GHz, Small Signal
20
dB
Output Return Loss (on state)
(DC-20) GHz, Small Signal
20
dB
Output Return Loss (off state)
(DC-20) GHz, Small Signal
12
ns
P1dB
-5V control
26
dBm
Note: TAMBIENT = 25°C, Vctrl = 0V/-5V, ZIN = ZOUT = 50
Ω


Similar Part No. - FMS2029

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2029 FILTRONIC-FMS2029 Datasheet
182Kb / 5P
DC-20 GHZ MMIC SPST ABSORPTIVE SWITCH
FMS2029-000-WP FILTRONIC-FMS2029-000-WP Datasheet
182Kb / 5P
DC-20 GHZ MMIC SPST ABSORPTIVE SWITCH
FMS2029 FILTRONIC-FMS2029_1 Datasheet
182Kb / 5P
DC-20 GHZ MMIC SPST ABSORPTIVE SWITCH
More results

Similar Description - FMS2029

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2027 FILTRONIC-FMS2027 Datasheet
146Kb / 4P
DC-20 GHZ MMIC SPDT NON-REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC347 HITTITE-HMC347_09 Datasheet
214Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LP4E HITTITE-HMC641LP4E Datasheet
629Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Custom MMIC Design Serv...
CMD204C3 MMIC-CMD204C3 Datasheet
253Kb / 9P
DC-20 GHz SPST Non-reflective Switch
CMD204 MMIC-CMD204 Datasheet
234Kb / 9P
DC-20 GHz SPST Non-reflective Switch
logo
Analog Devices
HMC547ALP3E AD-HMC547ALP3E Datasheet
403Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com