Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD200P70 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FPD200P70
Description  HI-FREQUENCY PACKAGED PHEMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD200P70 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD200P70 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD200P70 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD200P70 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRELIMINARY
FPD200P70
HI-FREQUENCY PACKAGED PHEMT
Phone: +1 408 850-5790
http://www.filtrionic.co.uk/semis
Revised: 7/15/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
PERFORMANCE
♦ 20 dBm Output Power (P1dB)
♦ 21 dB Power Gain (G1dB) at 1.85 GHz
♦ 0.7 dB Noise Figure at 1.85 GHz
♦ 30 dBm Output IP3
♦ 50% Power-Added Efficiency at 1.85 GHz
♦ Useable Gain to 26 GHz
♦ Evaluation Boards Available
GATE LEAD IS ANGLED
•
DESCRIPTION AND APPLICATIONS
The FPD200P70 is a packaged depletion mode AlGaAs/InGaAs pseudomorphic High Electron
Mobility Transistor (pHEMT). It utilizes a 0.25
µm x 200 µm Schottky barrier Gate, defined by
high-resolution stepper-based photolithography. . The FPD200P70 is also available in die form .
Typical applications include gain blocks and medium power stages for applications to 26 GHz.
•
ELECTRICAL SPECIFICATIONS AT 22°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RF SPECIFICATIONS MEASURED AT f = 1850 MHz USING CW SIGNAL (except as noted)
Power at 1dB Gain Compression
P1dB
VDS = 5 V; IDS = 50% IDSS
20
dBm
Gain at 1dB Gain Compression
SSG
VDS = 5 V; IDS = 50% IDSS
21
dB
Power-Added Efficiency
PAE
VDS = 5 V; IDS = 50% IDSS;
POUT = P1dB
45
%
Maximum Stable Gain (S21/S12)
f = 12 GHz
f = 18 GHz
MSG
VDS = 5 V; IDS = 50% IDSS
15
11
Noise Figure
NF
VDS = 5 V; IDS = 25% IDSS
0.7
dB
Output Third-Order Intercept Point
POUT = 9 dBm SCL
IP3
VDS = 5V; IDS = 50% IDSS
30
dBm
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
45
60
75
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS ≅ +1 V
120
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
80
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
1
10
µA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 0.2 mA
0.7
0.9
1.3
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 0.2 mA
12
14
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 0.2 mA
14.5
16
V
Thermal Resistivity (see Notes)
θJC
VDS > 3V
325
°C/W


Similar Part No. - FPD200P70

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD200P70 FILTRONIC-FPD200P70 Datasheet
421Kb / 9P
HIGH FREQUENCY PACKAGED PHEMT
FPD200P70 FILTRONIC-FPD200P70_1 Datasheet
421Kb / 9P
HIGH FREQUENCY PACKAGED PHEMT
More results

Similar Description - FPD200P70

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
LP6836SOT343 FILTRONIC-LP6836SOT343 Datasheet
67Kb / 2P
PACKAGED MEDIUM POWER PHEMT
FPD1500P100 FILTRONIC-FPD1500P100 Datasheet
182Kb / 3P
1W PACKAGED POWER PHEMT
FPD3000P100 FILTRONIC-FPD3000P100 Datasheet
182Kb / 3P
2W PACKAGED POWER PHEMT
FPD4000AS FILTRONIC-FPD4000AS Datasheet
197Kb / 3P
2.5W PACKAGED POWER PHEMT
FPD6836P70 FILTRONIC-FPD6836P70 Datasheet
191Kb / 3P
HI-FREQUENCY PACKAGED PHEMT
FPD7612P70 FILTRONIC-FPD7612P70 Datasheet
190Kb / 3P
HI-FREQUENCY PACKAGED PHEMT
FPD10000AF FILTRONIC-FPD10000AF Datasheet
185Kb / 3P
10W PACKAGED POWER PHEMT
FPD6836P70 FILTRONIC-FPD6836P70_1 Datasheet
304Kb / 9P
LOW NOISE HIGH FREQUENCY PACKAGED PHEMT
FPD200P70 FILTRONIC-FPD200P70_1 Datasheet
421Kb / 9P
HIGH FREQUENCY PACKAGED PHEMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com