Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD200P70 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FPD200P70
Description  HI-FREQUENCY PACKAGED PHEMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD200P70 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FPD200P70 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD200P70 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD200P70 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRELIMINARY
FPD200P70
HI-FREQUENCY PACKAGED PHEMT
Phone: +1 408 850-5790
http://www.filtrionic.co.uk/semis
Revised: 7/15/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
ABSOLUTE MAXIMUM RATINGS1
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain-Source Voltage
VDS
-3V < VGS < +0V
8
V
Gate-Source Voltage
VGS
0V < VDS < +8V
-3
V
Drain-Source Current
IDS
For VDS > 2V
IDSS
mA
Gate Current
IG
Forward or reverse current
5
mA
RF Input Power2
PIN
Under any acceptable bias state
60
mW
Channel Operating Temperature
TCH
Under any acceptable bias state
175
ºC
Storage Temperature
TSTG
Non-Operating Storage
-40
150
ºC
Total Power Dissipation
PTOT
See De-Rating Note below
470
mW
Gain Compression
Comp.
Under any bias conditions
5
dB
Simultaneous Combination of Limits3
2 or more Max. Limits
80
%
1TAmbient = 22°C unless otherwise noted
2Max. RF Input Limit must be further limited if input VSWR > 2.5:1
3Users should avoid exceeding 80% of 2 or more Limits simultaneously
Notes:
•
Operating conditions that exceed the Absolute Maximum Ratings will result in permanent damage to the device.
•
Total Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT, where:
PDC: DC Bias Power
PIN: RF Input Power
POUT: RF Output Power
•
Total Power Dissipation to be de-rated as follows above 22
°C:
PTOT= 470mW – (3mW/°C) x TPACK
where TPACK = source tab lead temperature above 22°C
(coefficient of de-rating formula is the Thermal Conductivity)
Example: For a 65
°C source lead temperature: PTOT = 470mW – (3 x (65 – 22)) = 341mW
•
HANDLING PRECAUTIONS
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. These devices should be treated as Class 0 (< 250V) per JESD22-A114-B, Human Body
Model, and Class A (< 200V) per JESD22-A115-A, Machine Model.
•
APPLICATIONS NOTES & DESIGN DATA
Applications Notes are available from your local Filtronic Sales Representative or directly from the
factory. Complete design data, including S-parameters, noise data, and large-signal models are
available on the Filtronic web site. Evaluation Boards available upon request.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com