Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD750DFN Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FPD750DFN
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD750DFN Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FPD750DFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD750DFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD750DFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD750DFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD750DFN Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FPD750DFN
LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
•
BIASING GUIDELINES
Active bias circuits provide good performance stabilization over variations of operating
temperature, but require a larger number of components compared to self-bias or dual-biased.
Such circuits should include provisions to ensure that Gate bias is applied before Drain bias,
otherwise the pHEMT may be induced to self-oscillate. Contact your Sales Representative for
additional information.
Dual-bias circuits are relatively simple to implement, but will require a regulated negative
voltage supply for depletion-mode devices such as the FPD750DFN.
For standard Class A operation, a 50% of IDSS bias point is recommended. A small amount of
RF gain expansion prior to the onset of compression is normal for this operating point. Note that
pHEMTs, since they are “quasi- E/D mode” devices, exhibit Class AB traits when operated at
50% of IDSS. To achieve a larger separation between P1dB and IP3, an operating point in the 25%
to 33% of IDSS range is suggested.
Such Class AB operation will not degrade the IP3
performance.
•
PACKAGE OUTLINE (dimensions in mm)
All information and specifications subject to change without notice.
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 11/14/05
Fax: +1 408 850-5766
Email: sales@filcsi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com