Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD750DFN Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FPD750DFN
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD750DFN Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FPD750DFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD750DFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD750DFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD750DFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD750DFN Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FPD750DFN
LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 11/14/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
Note: The recommended method for measuring IDSS, or any particular IDS, is to set the Drain-Source
voltage (VDS) at 1.3V. This measurement point avoids the onset of spurious self-oscillation which
would normally distort the current measurement (this effect has been filtered from the I-V curves
presented above). Setting the VDS > 1.3V will generally cause errors in the current measurements,
even in stabilized circuits.
Recommendation: Traditionally a device’s IDSS rating (IDS at VGS = 0V) was used as a predictor of
RF power, and for MESFETs there is a correlation between IDSS and P1dB (power at 1dB gain
compression).
For pHEMTs it can be shown that there is no meaningful statistical correlation
between IDSS and P1dB; specifically a linear regression analysis shows r
2 < 0.7, and the regression
fails the F-statistic test. IDSS is sometimes useful as a guide to circuit tuning, since the S22 does vary
with the quiescent operating point IDS.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com