Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ED2182S06F Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # 2ED2182S06F
Description  650 V half-bridge gate driver with integrated bootstrap diode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2182S06F Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button 2ED2182S06F Datasheet HTML 9Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 10Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 11Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 12Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 13Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 14Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 15Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 16Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Datasheet
13 of 25
V 2.21
www.infineon.com/soi
2020-07-07
2ED2182 (4) S06F (J)
650 V half-bridge gate driver with integrated bootstrap diode
The low ohmic current limiting resistor provides essential advantages over other competitor devices with high
ohmic bootstrap structures. A low ohmic resistor such as in the 2ED218x family allows faster recharching of the
bootstrap capacitor during periods of small duty cycles on the low side transistor. The bootstrap diode is usable
for all kind power electronic converters. The bootstrap diode is a real pn-diode and is temperature robust. It can
be used at high temperatures with a low duty cycle of the low side transistor.
The bootstrap diode of the 2ED218x family works with all control algorithms of modern power electronics, such
as trapezoidal or sinusoidal motor drives control.
5.7
Calculating the bootstrap capacitance CBS
Bootstrapping is a common method of pumping charges from a low potential to a higher one. With this technique
a supply voltage for the floating high side sections of the gate drive can be easily established according to Figure
16. This method has the advantage of being simple and low cost but may force some limitations on duty-cycle
and on-time since they are limited by the requirement to refresh the charge in the bootstrap capacitor.Proper
capacitor choice can reduce drastically these limitations.
Figure 16
Half bridge bootstrap circuit in 2ED218x
When the low side MOSFET turns on, it will force the potential of pin VS to GND. The existing difference between
the voltage of the bootstrap capacitor VCBS and VCC results in a charging current IBS into the capacitor CBS. The
current IBS is a pulse current and therefore the ESR of the capacitor CBS must be very small in order to avoid losses
in the capacitor that result in lower lifetime of the capacitor. This pin is on high potential again after low side is
turned off and high side is conducting current. But now the bootstrap diode DBS blocks a reverse current, so that
the charges on the capacitor cannot flow back to the capacitor CVCC. The bootstrap diode DBS also takes over the
blocking voltage between pin VB and VCC. The voltage of the bootstrap capacitor can now supply the high side
gate drive sections. It is a general design rule for the location of bootstrap capacitors CBS, that they must be placed
as close as possible to the IC. Otherwise, parasitic resistors and inductances may lead to voltage spikes, which
may trigger the undervoltage lockout threshold of the individual high side driver section.
The current limiting resistor RBS according to Figure 16 reduces the peak of the pulse current during the low side
MOSFET turn-on. The pulse current will occur at each turn-on of the low side MOSFET, so that with increasing
switching frequency the capacitor CBS is charged more frequently. Therefore a smaller capacitor is suitable at
higher switching frequencies. The bootstrap capacitor is mainly discharged by two effects: The high side
quiescent current and the gate charge of the high side MOSFET to be turned on.
The minimum size of the bootstrap capacitor is given by
= ∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com