Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ED2182S06F Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # 2ED2182S06F
Description  650 V half-bridge gate driver with integrated bootstrap diode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2182S06F Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button 2ED2182S06F Datasheet HTML 12Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 13Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 14Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 15Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 16Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 17Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 18Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 19Page - Infineon Technologies AG 2ED2182S06F Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Datasheet
16 of 25
V 2.21
www.infineon.com/soi
2020-07-07
2ED2182 (4) S06F (J)
650 V half-bridge gate driver with integrated bootstrap diode
A)
B)
C)
D)
Figure 19 A) Q1 conducting B) D2 conducting
C) D3 conducting
D) Q4 conducting
The circuit shown in Figure 20-A depicts one leg of the three phase inverter; Figures 20-B and 20-C show a
simplified illustration of the commutation of the current between Q1 and D2. The parasitic inductances in the
power circuit from the die bonding to the PCB tracks are lumped together in LC and LE for each IGBT. When the
high-side switch is on, VS1 is below the DC+ voltage by the voltage drops associated with the power switch and
the parasitic elements of the circuit. When the high-side power switch turns off, the load current momentarily
flows in the low-side freewheeling diode due to the inductive load connected to VS1 (the load is not shown in
these figures). This current flows from the DC- bus (which is connected to the COM pin of the HVIC) to the load
and a negative voltage between VS1 and the DC- Bus is induced (i.e., the COM pin of the HVIC is at a higher potential
than the VS pin).
A
B
C
Figure 20 Figure A shows the Parasitic Elements. Figure B shows the generation of VS positive. Figure C shows the
generation of VS negative
5.10
NTSOA – Negative Transient Safe Operating Area
In a typical motor drive system, dV/dt is typically designed to be in the range of 3 – 5 V / ns. The negative VS
transient voltage can exceed this range during some events such as short circuit and over-current shutdown,
when di/dt is greater than in normal operation.
Infineon’s HVICs have been designed for the robustness required in many of today’s demanding applications. An
indication of the 2ED2182’s robustness can be seen in Figure 21, where the 2ED2182’s Safe Operating Area is
shown at VBS=15 V based on repetitive negative VS spikes. A negative VS transient voltage falling in the grey area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com