Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EDF7275K Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # 2EDF7275K
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7275K Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button 2EDF7275K Datasheet HTML 14Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 15Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 16Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 17Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 18Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 19Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 20Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 21Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Final datasheet
18
Rev.2.5
2020-03-17
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Device characteristics
Table 15
Static output characteristics 4 A/8 A devices (see Figure 10)
Parameter
Symbol
Values
Unit Note or
Test Condition
Min.
Typ.
Max.
High-level (Sourcing) Output
Resistance
Ron_SRC
0.42
0.85
1.6
Ω
ISNK = 50 mA
Peak Sourcing Output Current
ISRC_pk
–4
1)
1) actively limited by design at approx. 5.2 Apk, parameter is not subject to production test - verified by design /
characterization
A–
Low-level (Sinking) Output Resistance
Ron_SNK
0.18
0.35
0.75
Ω
ISRC = 50 mA
Peak Sinking Output Current
ISNK_pk
2)
2) actively limited by design at approx. -10.2 Apk, parameter is not subject to production test - verified by design /
characterization
-8
–
A
–
Table 16
Static output characteristics 1 A / 2 A devices (see Figure 10)
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
High-level (Sourcing) Output
Resistance
Ron_SRC
1.4
3.1
5.8
Ω
ISNK = 50 mA
Peak Sourcing Output Current
ISRC_pk
–1
1)
1) actively limited by design at approx. 1.3 Apk, parameter is not subject to production test - verified by design /
characterization
A–
Low-level (Sinking) Output
Resistance
Ron_SNK
0.6
1.2
2.5
Ω
ISRC = 50 mA
Peak Sinking Output Current
ISNK_pk
2)
2) actively limited by design at approx. -2.6 Apk, parameter is not subject to production test - verified by design /
characterization
-2
–
A
–
Table 17
Dynamic characteristics (see Figure 5 and Figure 14)
TJ,max = 125°C, CLOAD = 1.8 nF for 4 A / 8 A version, CLOAD = 0.47 nF for 1 A / 2 A version
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
INA- /INB-to-output turn-on /
turn-off propagation delay
tPDon,
tPDoff
31
37
44
ns
4 A/8 A version
INA- /INB-to-output turn-on
propagation delay
tPDon
31
37
44
ns
1 A/2 A version
INA- /INB-to-output turn-off
propagation delay
tPDoff
29
35
44
ns
1 A/2 A version
DISABLE-to-output turn-on/
-off propagation delay
tPDDISoff,
tPDDISoff
–
–
100
ns
–
Output turn-on propagation
delay mismatch between
channels
∆tPDon
–
–
3
ns
INA, INB shorted
Rise time
trise
–6.5
121)
ns
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com