Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EDF7275K Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # 2EDF7275K
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7275K Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button 2EDF7275K Datasheet HTML 17Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 18Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 19Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 20Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 21Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 22Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 23Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 24Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Final datasheet
21
Rev.2.5
2020-03-17
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Device characteristics
4.5.1.2
Functional isolation of devices in NB PG-DSO-16-11 package
The PG-DSO-16-11 package is available for 2EDF7175F, 2EDF9275Fand 2EDF7275F. The isolation related
parameters are shown in Table 21, Table 22 and Table 23
Table 19
Package characteristics (PG-TFLGA-13-1)
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Comparative Tracking Index of
package mold
CTI
400
–
600
V
according to DIN EN
60112 (VDE 0303-11)
Material group
–
–
II
–
–
according to IEC 60112
Table 20
Functional isolation channel-to-channel (PG-TFLGA-13-1)
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Functional isolation test
voltage
VCh2Ch-DC-
Test
650
–
–
VDC Impulse Test > 10 ms;
sample tested
Package creepage
CPG
–
1.0
–
mm Shortest distance over
surface, from output pin
Ch1-GND to output pin
Ch2-VDD
Table 21
Input-to-output isolation specification (NB PG-DSO-16-11)
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Functional isolation test
voltage
VIO
1500
–
–
VDC Impulse test > 10 ms,
sample tested
Maximum isolation working
voltage
VIOWM
510
–
–
VRMS according to IEC 60664-1
(PD2; MG II)
Package clearance
CLR
–
4.0
–
mm Shortest distance over air,
from any input pin to any
output pin
Package creepage
CPG
–
4.0
–
mm Shortest distance over
surface, from any input
pin to any output pin
Common Mode Transient
Immunity
CMTI
150
–
–
V/ns according to DIN V VDE
V0884-10, static and
dynamic test
Capacitance input-to-output
CIO
–2–
pF
1)
1) parameter verified by design, not tested in production
Resistance input-to-output
RIO
–
>1000
–
MΩ 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com