Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD1050 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FPD1050
Description  0.75W POWER PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1050 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD1050 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1050 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FPD1050
0.75W POWER PHEMT
Phone: +1 408 850-5790
http:// www.filcs.com
Revised: 8/05/04
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
FEATURES
♦ 28.5 dBm Linear Output Power at 12 GHz
♦ 11 dB Power Gain at 12 GHz
♦ 14 dB Maximum Stable Gain at 12 GHz
♦ 41 dBm Output IP3
♦ 45% Power-Added Efficiency
•
DESCRIPTION AND APPLICATIONS
The FPD1050 is an AlGaAs/InGaAs pseudomorphic High Electron Mobility Transistor (pHEMT),
featuring a 0.25
µm by 1050 µm Schottky barrier gate, defined by high-resolution stepper-based
photolithography. The recessed and offset Gate structure minimizes parasitics to optimize
performance. The epitaxial structure and processing have been optimized for reliable high-power
applications. The FPD750 also features Si3N4 passivation and is also available in a low cost plastic
SOT89 plastic package.
Typical applications include commercial and other narrowband and broadband high-performance
amplifiers, including SATCOM uplink transmitters, PCS/Cellular low-voltage high-efficiency output
amplifiers, and medium-haul digital radio transmitters.
•
ELECTRICAL SPECIFICATIONS AT 22°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RF SPECIFICATIONS MEASURED AT f = 12 GHz USING CW SIGNAL
Power at 1dB Gain Compression
P1dB
VDS = 8 V; IDS = 50% IDSS
27.5
28.5
dBm
Maximum Stable Gain (S21/S12)
MSG
VDS = 8 V; IDS = 50% IDSS
14.0
dB
Power Gain at P1dB
G1dB
VDS = 8 V; IDS = 50% IDSS
10.0
11.0
dB
Power-Added Efficiency
PAE
VDS = 8 V; IDS = 50% IDSS;
POUT = P1dB
45
%
Output Third-Order Intercept Point
(from 15 to 5 dB below P1dB)
IP3
VDS = 10V; IDS = 50% IDSS
Matched for optimal power
Tuned for best IP3
39
41
dBm
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
250
315
375
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS ≅ +1 V
520
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
280
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
15
µA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 1 mA
1.0
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 1 mA
16
18
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 1 mA
16
18
V
Thermal Resistivity (see Notes)
θJC
VDS > 6V
45
°C/W
DRAIN
BOND
PAD (2X)
SOURCE
BOND
PAD (2x)
GATE
BOND
PAD (1X)
DIE SIZE: 470 x 440
µm
DIE THICKNESS: 100
µm
BONDING PADS: >85 x 60
µm


Similar Part No. - FPD1050

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1050 FILTRONIC-FPD1050 Datasheet
149Kb / 3P
0.75W POWER PHEMT
logo
RF Micro Devices
FPD1050 RFMD-FPD1050 Datasheet
265Kb / 4P
0.75W POWER pHEMT
FPD1050-000 RFMD-FPD1050-000 Datasheet
265Kb / 4P
0.75W POWER pHEMT
FPD1050-000S3 RFMD-FPD1050-000S3 Datasheet
265Kb / 4P
0.75W POWER pHEMT
FPD1050-000SQ RFMD-FPD1050-000SQ Datasheet
265Kb / 4P
0.75W POWER pHEMT
More results

Similar Description - FPD1050

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP6836 FILTRONIC-LP6836 Datasheet
35Kb / 2P
MEDIUM POWER PHEMT
LP6872 FILTRONIC-LP6872 Datasheet
38Kb / 2P
0.5W POWER PHEMT
FPD1000V FILTRONIC-FPD1000V Datasheet
197Kb / 3P
1W POWER PHEMT
FPD3000 FILTRONIC-FPD3000 Datasheet
183Kb / 2P
2W POWER PHEMT
FPD6836 FILTRONIC-FPD6836 Datasheet
188Kb / 2P
0.25W POWER PHEMT
FPD6836 FILTRONIC-FPD6836_1 Datasheet
142Kb / 3P
0.25W POWER PHEMT
FPD3000 FILTRONIC-FPD3000_1 Datasheet
168Kb / 3P
2W POWER PHEMT
FPD2250 FILTRONIC-FPD2250_1 Datasheet
160Kb / 3P
1.5W POWER PHEMT
FPD1050 FILTRONIC-FPD1050_1 Datasheet
149Kb / 3P
0.75W POWER PHEMT
logo
RF Micro Devices
FPD1050 RFMD-FPD1050 Datasheet
265Kb / 4P
0.75W POWER pHEMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com