Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD2000V Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FPD2000V
Description  2W POWER PHEMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD2000V Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD2000V Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD2000V Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD2000V Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRELIMINARY
FPD2000V
2W POWER PHEMT
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 4/29/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
PERFORMANCE (1.8 GHz)
♦ 33 dBm Linear Output Power
♦ 14.5 dB Power Gain
♦ Useable Gain to 10 GHz
♦ 44 dBm Output IP3
♦ 20 dB Maximum Stable Gain
♦ 45% Power-Added Efficiency
♦ 10V Operation / Plated Source Thru-Vias
•
DESCRIPTION AND APPLICATIONS
The FPD2000V is a discrete depletion mode AlGaAs/InGaAs pseudomorphic High Electron
Mobility Transistor (pHEMT), optimized for power applications in L- and C-Bands.
The
FPD2000V includes Source plated thru-vias, and does not require wire bonds to the Source.
Typical applications include drivers or output stages in PCS/Cellular base station transmitter
amplifiers, as well as other power applications in WLL/WLAN amplifiers.
•
ELECTRICAL SPECIFICATIONS AT 22°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RF SPECIFICATIONS MEASURED AT f = 1.8 GHz USING CW SIGNAL
Power at 1dB Gain Compression
P1dB
VDS = 10V; IDS = 350 mA
ΓS and ΓL tuned for Optimum IP3
32
33
dBm
Power Gain at dB Gain Compression
G1dB
VDS = 10V; IDS = 350 mA
ΓS and ΓL tuned for Optimum IP3
13.0
14.5
Maximum Stable Gain
S21/S12
MSG
VDS = 10 V; IDS = 350mA
PIN = 0dBm, 50Ω system
20
dB
Power-Added Efficiency
at 1dB Gain Compression
PAE
VDS = 10V; IDS = 350 mA
ΓS and ΓL tuned for Optimum IP3
45
%
3rd-Order Intermodulation Distortion
ΓS and ΓL tuned for Optimum IP3
IM3
VDS = 10V; IDS = 350 mA
POUT = 22 dBm (single-tone level)
-46
dBc
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
975
1150
1375
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS ≅ +1 V
1800
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
1200
mS
Gate-Source Leakage Current
IGSO
VGS = -3 V
35
85
µA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 4 mA
0.7
0.9
1.4
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 4 mA
6
8
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 4 mA
20
22
V
Thermal Resistivity
ΘCC
See Note on following page
18
°C/W
DRAIN
BOND
PAD (2X)
GATE
BOND
PAD (2X)
DIE SIZE (
µm): 650 x 800
DIE THICKNESS: 75
µm
BONDING PADS (
µm): >70 x 70


Similar Part No. - FPD2000V

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD2000AS FILTRONIC-FPD2000AS Datasheet
281Kb / 7P
2W PACKAGED POWER PHEMT
FPD2000AS FILTRONIC-FPD2000AS Datasheet
381Kb / 10P
2W PACKAGED POWER PHEMT
FPD2000AS-EB FILTRONIC-FPD2000AS-EB Datasheet
381Kb / 10P
2W PACKAGED POWER PHEMT
FPD2000AS FILTRONIC-FPD2000AS_1 Datasheet
381Kb / 10P
2W PACKAGED POWER PHEMT
More results

Similar Description - FPD2000V

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
LPV3000 FILTRONIC-LPV3000 Datasheet
49Kb / 2P
2W Power PHEMT
logo
List of Unclassifed Man...
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
2W Packaged Self-Bias PHEMT GaAs Power FETs
logo
Filtronic Compound Semi...
FPD2000AS FILTRONIC-FPD2000AS Datasheet
281Kb / 7P
2W PACKAGED POWER PHEMT
FPD3000 FILTRONIC-FPD3000 Datasheet
183Kb / 2P
2W POWER PHEMT
FPD3000P100 FILTRONIC-FPD3000P100 Datasheet
182Kb / 3P
2W PACKAGED POWER PHEMT
FPD3000 FILTRONIC-FPD3000_1 Datasheet
168Kb / 3P
2W POWER PHEMT
FPD2000AS FILTRONIC-FPD2000AS_1 Datasheet
381Kb / 10P
2W PACKAGED POWER PHEMT
logo
RF Micro Devices
FPD3000 RFMD-FPD3000 Datasheet
243Kb / 4P
2W POWER pHEMT
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
2W Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com