Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD3000 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FPD3000
Description  2W POWER PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD3000 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD3000 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD3000 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FPD3000
2W POWER PHEMT
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 11/17/04
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
FEATURES
♦ 32.5 dBm Linear Output Power at 12 GHz
♦ 6.5 dB Power Gain at 12 GHz
♦ 8 dB Maximum Stable Gain at 12 GHz
♦ 42 dBm Output IP3
♦ 30% Power-Added Efficiency
•
DESCRIPTION AND APPLICATIONS
The FPD3000 is an AlGaAs/InGaAs pseudomorphic High Electron Mobility Transistor (PHEMT),
featuring a 0.25
µm by 3000 µm Schottky barrier gate, defined by high-resolution stepper-based
photolithography. The recessed and offset Gate structure minimizes parasitics to optimize
performance. The epitaxial structure and processing have been optimized for reliable high-power
applications. The FPD3000 also features Si3N4 passivation and is available in a P100 flanged
ceramic package and in the low cost plastic SOT89 plastic package.
Typical applications include commercial and other narrowband and broadband high-performance
amplifiers, including SATCOM uplink transmitters, PCS/Cellular low-voltage high-efficiency output
amplifiers, and medium-haul digital radio transmitters.
•
ELECTRICAL SPECIFICATIONS AT 22°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RF SPECIFICATIONS MEASURED AT f = 12 GHz USING CW SIGNAL
Power at 1dB Gain Compression
P1dB
VDS = 8 V; IDS = 50% IDSS
31.5
32.5
dBm
Maximum Stable Gain (S21/S12)
SSG
VDS = 8 V; IDS = 50% IDSS
7.0
8.0
dB
Power Gain at P1dB
G1dB
VDS = 8 V; IDS = 50% IDSS
6.0
6.5
dB
Power-Added Efficiency
PAE
VDS = 8 V; IDS = 50% IDSS;
POUT = P1dB
30
%
Output Third-Order Intercept Point
(from 15 to 5 dB below P1dB)
IP3
VDS = 8V; IDS = 50% IDSS
Matched for optimal power
Tuned for best IP3
42
44
dBm
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
750
930
1100
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS ≅ +1 V
1.5
A
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
800
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
10
µA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 3 mA
1.0
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 3 mA
12.0
14.0
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 3 mA
14.5
16.0
V
Thermal Resistivity (see Notes)
θJC
VDS > 6V
20
°C/W
DRAIN
BOND
PAD (4X)
SOURCE
BOND
PAD (2x)
GATE
BOND
PAD (4X)
DIE SIZE (
µm): 830 x 470
DIE THICKNESS: 75
µm
BONDING PADS (
µm):>75 x60


Similar Part No. - FPD3000

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD3000 FILTRONIC-FPD3000 Datasheet
168Kb / 3P
2W POWER PHEMT
logo
RF Micro Devices
FPD3000 RFMD-FPD3000 Datasheet
243Kb / 4P
2W POWER pHEMT
FPD3000-000 RFMD-FPD3000-000 Datasheet
243Kb / 4P
2W POWER pHEMT
FPD3000-000S3 RFMD-FPD3000-000S3 Datasheet
243Kb / 4P
2W POWER pHEMT
FPD3000-000SQ RFMD-FPD3000-000SQ Datasheet
243Kb / 4P
2W POWER pHEMT
More results

Similar Description - FPD3000

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
LPV3000 FILTRONIC-LPV3000 Datasheet
49Kb / 2P
2W Power PHEMT
logo
List of Unclassifed Man...
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
2W Packaged Self-Bias PHEMT GaAs Power FETs
logo
Filtronic Compound Semi...
FPD2000AS FILTRONIC-FPD2000AS Datasheet
281Kb / 7P
2W PACKAGED POWER PHEMT
FPD2000V FILTRONIC-FPD2000V Datasheet
510Kb / 3P
2W POWER PHEMT
FPD3000P100 FILTRONIC-FPD3000P100 Datasheet
182Kb / 3P
2W PACKAGED POWER PHEMT
FPD3000 FILTRONIC-FPD3000_1 Datasheet
168Kb / 3P
2W POWER PHEMT
FPD2000AS FILTRONIC-FPD2000AS_1 Datasheet
381Kb / 10P
2W PACKAGED POWER PHEMT
logo
RF Micro Devices
FPD3000 RFMD-FPD3000 Datasheet
243Kb / 4P
2W POWER pHEMT
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
2W Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com