Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP87L84AS Datasheet(PDF) 6 Page - Exar Corporation

Part # MP87L84AS
Description  LOW VOLTAGE CMOS 10-BIT 2 MHz ANALOG-TO-DIGITAL CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP87L84AS Datasheet(HTML) 6 Page - Exar Corporation

  MP87L84AS Datasheet HTML 1Page - Exar Corporation MP87L84AS Datasheet HTML 2Page - Exar Corporation MP87L84AS Datasheet HTML 3Page - Exar Corporation MP87L84AS Datasheet HTML 4Page - Exar Corporation MP87L84AS Datasheet HTML 5Page - Exar Corporation MP87L84AS Datasheet HTML 6Page - Exar Corporation MP87L84AS Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
03/

5HY 
)LJXUH  7\SLFDO &LUFXLW &RQQHFWLRQV
:
$QDORJ
,QSXW
P)
 9
6DPSOH
&ORFN
9,1
9''
9576
957
95%
95%6
*1'
'%
'%
'%
'%
'%
'%
'%
'%
&/.
03/
P)
'LJLWDO
2XWSXWV
'%
'%
2(
5
5
5
&
&
&
&
&
&ï& P)
)LJXUH  &UHDWLQJ D 3LHFHZLVH /LQHDU
7UDQVIHU )XQFWLRQ
:
$QDORJ
,QSXW
P)
9
6DPSOH
&ORFN
9,1
9''
9576
957
95%
95%6 *1'
'%
'%
'%
'%
'%
'%
'%
'%
&/.
03/
P)
'LJLWDO
2XWSXWV
'%
'%
2(
5
5
5
&ï& P)
1&
1&
9
9
9
9
&
&
&
&
9 !9 !9 !9 ! *1'





9
9
9
9
9
9
9
9
'LJLWDO
&RGH
9,1
)LJXUH  $ 3LHFHZLVH /LQHDU
/RJDULWKPLF 7UDQVIHU )XQFWLRQ
$33/,&$7,21 127(6
6LJQDOV VKRXOG QRW H[FHHG $9 9 RU JR EHORZ $*1'
ï9 $OO SLQV KDYH LQWHUQDO SURWHFWLRQ GLRGHV WKDW ZLOO SURWHFW
WKHP IURP VKRUW WUDQVLHQWV 2V RXWVLGH WKH VXSSO\ UDQJH
$*1' DQG '*1' SLQV DUH FRQQHFWHG LQWHUQDOO\ WKURXJK WKH
3ï VXEVWUDWH '& YROWDJH GLIIHUHQFHV EHWZHHQ WKHVH SLQV ZLOO
FDXVH XQGHVLUDEOH LQWHUQDO VXEVWUDWH FXUUHQWV
7KH SRZHU VXSSO\ $9 DQG UHIHUHQFH YROWDJH 9#% 9#
SLQV VKRXOG EH GHFRXSOHG ZLWK 2) DQG 2) FDSDFLWRUV WR
$*1' SODFHG DV FORVH WR WKH FKLS DV SRVVLEOH
7KH GLJLWDO RXWSXWV VKRXOG QRW GULYH ORQJ ZLUHV RU EXVHV 7KH
FDSDFLWLYH FRXSOLQJ DQG UHIOHFWLRQV ZLOO FRQWULEXWH QRLVH WR WKH
FRQYHUVLRQ
9,1 $QDORJ ,QSXW
7KLV SDUW KDV D VZLWFKHG FDSDFLWRU W\SH LQSXW FLUFXLW 7KLV
PHDQV WKDW WKH LQSXW LPSHGDQFH FKDQJHV ZLWK WKH SKDVH RI WKH
LQSXW FORFN )LJXUH  VKRZV DQ HTXLYDOHQW LQSXW FLUFXLW
)LJXUH  (TXLYDOHQW ,QSXW &LUFXLW
:


957 95%
9,1
$*1'
:
S)
S)
$9''
&/
&/
&/
S)

5765%6 ,QWHUQDO %LDV 5HVLVWRUV
7ZR PDWFKHG UHVLVWRUV DUH SURYLGHG RQ WKH FKLS 7KHVH
UHVLVWRUV FDQ EH XVHG WR JHQHUDWH RQ FKLS UHIHUHQFH YROWDJHV
(DFK UHVLVWRU KDV D YDOXH HTXDO WR  RI WKH UHIHUHQFH ODGGHU
UHVLVWRU %\ FRQQHFWLQJ 9#%$ WR 9#% DQG FRQQHFWLQJ 9#$ WR
9# WKH UHIHUHQFH ODGGHU ZLOO EH ELDVHG WR 9 DW 9# DQG
9 DW 9#%
,I WKH LQWHUQDO UHIHUHQFH SLQV 9#%$ DQGRU 9#$ DUH QRW XVHG
WKH\ VKRXOG EH OHIW XQFRQQHFWHG
5 WKUX 5 5HIHUHQFH /DGGHU 7DSV
7KHVH WDSV FRQQHFW WR HYHU\ TXDUWHU RI WKH UHIHUHQFH ODGGHU
5 LV WK XS IURP 9# 5 LV WKV XS IURP 9# RU WK GRZQ
IURP 9#%  1RUPDOO\ WKHVH SLQV VKRXOG KDYH  PLFUR IDUDG
FDSDFLWRUV WR *1' WKLV KHOSV UHGXFH WKH ,1/ HUURUV E\
VWDELOL]LQJ WKH UHIHUHQFH ODGGHU YROWDJHV 7KHVH WDSV FDQ DOVR
EH XVHG WR DOWHU WKH WUDQVIHU FXUYH RI WKH $'& $ IRXU VHJPHQW
SLHFHZLVH OLQHDU FXVWRP WUDQVIHU FXUYH FDQ EH GHVLJQHG E\
FRQQHFWLQJ YROWDJH VRXUFHV WR WKHVH SLQV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com