Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP87L84AS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP87L84AS
Description  LOW VOLTAGE CMOS 10-BIT 2 MHz ANALOG-TO-DIGITAL CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP87L84AS Datasheet(HTML) 1 Page - Exar Corporation

  MP87L84AS Datasheet HTML 1Page - Exar Corporation MP87L84AS Datasheet HTML 2Page - Exar Corporation MP87L84AS Datasheet HTML 3Page - Exar Corporation MP87L84AS Datasheet HTML 4Page - Exar Corporation MP87L84AS Datasheet HTML 5Page - Exar Corporation MP87L84AS Datasheet HTML 6Page - Exar Corporation MP87L84AS Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
03/
5HY 
(;$5 &RUSRUDWLRQ  .DWR 5RDG )UHPRQW &$  <   <  
.
)($785(6
N  9 2SHUDWLRQ
N %LW 5HVROXWLRQ
N  0+] 6DPSOLQJ 5DWH
N '1/
H /6% ,1/  /6%
N ,QWHUQDO 6+ )XQFWLRQ
N 9,1 '& 5DQJH  9 WR 9''
N 95() '& 5DQJH  9 WR 9''
N /RZ 3RZHU  P: W\S
N 7KUHH6WDWH 'LJLWDO 2XWSXWV
N /DWFK8S )UHH
N 0RQRWRQLF 1R 0LVVLQJ &RGHV
/RZ 9ROWDJH &026
%LW  0+]
$QDORJWR'LJLWDO &RQYHUWHU
$33/,&$7,216
N 'LJLWDO &RORU &RSLHUV
N 'LJLWDO &HOOXODU 7HOHSKRQHV
N 3UHFLVLRQ &&'V DQG 6FDQQHUV
N 0HGLFDO 6FDQQHUV
N 8OWUDVRQLFV
N 'LJLWDO 5DGLR
%(1(),76
N 6LPSOLILHG $QDORJ 'HVLJQ
N 5XJJHG
N )HZ ([WHUQDO &RPSRQHQWV QR 6+ 1HHGHG
N 5HGXFHG %RDUG 6SDFH
0DUFK 
*(1(5$/ '(6&5,37,21
7KH 03/ LV D ELW  0636 $QDORJWR'LJLWDO
&RQYHUWHU IRU DSSOLFDWLRQV WKDW UHTXLUH KLJK VSHHG DQG
KLJK DFFXUDF\ 'HVLJQHG XVLQJ DQ DGYDQFHG &026
SURFHVV WKLV SDUW RIIHUV H[FHOOHQW SHUIRUPDQFH ORZ
SRZHU FRQVXPSWLRQ DQG ODWFKXS IUHH RSHUDWLRQ
7KH 03/ XVHV D VXEUDQJLQJ DUFKLWHFWXUH WR PDLQWDLQ
ORZ SRZHU FRQVXPSWLRQ DW KLJK FRQYHUVLRQ UDWHV 2XU
SURSULHWDU\ FRPSDUDWRU GHVLJQ DFKLHYHV D ORZ DQDORJ
LQSXW FDSDFLWDQFH 7KH LQSXW FLUFXLWU\ RI WKH 03/
LQFOXGHV DQ RQFKLS 6+ IXQFWLRQ WKDW DOORZV WKLV SDUW WR
GLJLWL]H DQDORJ LQSXW VLJQDOV EHWZHHQ $*1' DQG $9''
7KH GHVLJQHU FDQ FKRRVH WKH LQWHUQDOO\ JHQHUDWHG
UHIHUHQFH YROWDJHV RU SURYLGH H[WHUQDO UHIHUHQFH
YROWDJHV WR WKH 95% DQG 957 SLQV 8VLQJ D 9 SRZHU
VXSSO\ WKH LQWHUQDO UHIHUHQFH JHQHUDWHV  9 DW 95% DQG
9DW957 3URYLGLQJ H[WHUQDO UHIHUHQFH YROWDJHV DOORZV
HDV\ LQWHUIDFH WR DQ\ LQSXW VLJQDO UDQJH EHWZHHQ *1'
DQG 9'' 7KLV DOVR DOORZV WKH V\VWHP WR FDQFHO ]HUR VFDOH
DQG IXOO VFDOH HUURUV 7KH 5HIHUHQFH /DGGHU WDSV 5 WR
5 FDQ EH XVHG WR H[WHUQDOO\ WULP DQ\ ,1/ HUURUV
7KLV GHYLFH RSHUDWHV IURP D VLQJOH  9 VXSSO\ 3RZHU
FRQVXPSWLRQ IURP D  9 VXSSO\ LV W\SLFDOO\  P: DW
)6  0+]
6,03/,),(' %/2&. ',$*5$0
06%
&RPSDUDWRUV
/6%
&RPSDUDWRUV
/DWFK
/DWFK
(QFRGHU
))
$9'' $*1'
'% 06%
'% /6%
2(
&/.
95%
9''
6+
9576
&ORFN
/RJLF
957
95%6

55
9,1
'9''
'*1'


Similar Part No. - MP87L84AS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP87L86 EXAR-MP87L86 Datasheet
811Kb / 10P
CMOS 30 MSPS, 8Bit High-Speed, Low Power Analog-to-Digital Converter with Power Down
More results

Similar Description - MP87L84AS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
XRD87L75 EXAR-XRD87L75 Datasheet
1Mb / 15P
Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L85 EXAR-XRD87L85 Datasheet
1Mb / 15P
Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
10-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC6571EVM TI1-DAC6571EVM Datasheet
732Kb / 25P
INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
10-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com