Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC938FDH Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P89LPC938FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC938FDH Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P89LPC938FDH Datasheet HTML 45Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 46Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 47Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 48Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 49Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 50Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 51Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 52Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
9397 750 14051
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 25 February 2005
49 of 68
Philips Semiconductors
P89LPC938
8-bit microcontroller with 10-bit A/D converter
criteria, the boundary limits will again be compared after all 8 MSBs have been converted.
A boundary status register (BNDSTA0) flags the channels which caused a boundary
interrupt.
8.7 Clock divider
The A/D converter requires that its internal clock source be in the range of 500 kHz to
3 MHz to maintain accuracy. A programmable clock divider that divides the clock
from 1 to 8 is provided for this purpose.
8.8 Power-down and Idle mode
In Idle mode the A/D converter, if enabled, will continue to function and can cause the
device to exit Idle mode when the conversion is completed if the A/D interrupt is enabled.
In Power-down mode or Total Power-down mode, the A/D does not function. If the A/D is
enabled, it will consume power. Power can be reduced by disabling the A/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com