Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC938FDH Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89LPC938FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC938FDH Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89LPC938FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
9397 750 14051
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 25 February 2005
21 of 68
Philips Semiconductors
P89LPC938
8-bit microcontroller with 10-bit A/D converter
7.7 CCLK wake-up delay
The P89LPC938 has an internal wake-up timer that delays the clock until it stabilizes
depending on the clock source used. If the clock source is any of the three crystal
selections (low, medium and high frequencies) the delay is 992 OSCCLK cycles plus
60 to 100
µs. If the clock source is either the internal RC oscillator, watchdog oscillator, or
external clock, the delay is 224 OSCCLK cycles plus 60
µsto100 µs.
7.8 CCLK modification: DIVM register
The OSCCLK frequency can be divided down up to 510 times by configuring a dividing
register, DIVM, to generate CCLK. This feature makes it possible to temporarily run the
CPU at a lower rate, reducing power consumption. By dividing the clock, the CPU can
retain the ability to respond to events that would not exit Idle mode by executing its normal
program at a lower rate. This can also allow bypassing the oscillator start-up time in cases
where Power-down mode would otherwise be used. The value of DIVM may be changed
by the program at any time without interrupting code execution.
7.9 Low power select
The P89LPC938 is designed to run at 12 MHz (CCLK) maximum. However, if CCLK is
8 MHz or slower, the CLKLP SFR bit (AUXR1.7) can be set to ‘1’ to lower the power
consumption further. On any reset, CLKLP is ‘0’ allowing highest performance access.
This bit can then be set in software if CCLK is running at 8 MHz or slower.
7.10 Memory organization
The various P89LPC938 memory spaces are as follows:
• DATA
128 bytes of internal data memory space (00h:7Fh) accessed via direct or indirect
addressing, using instructions other than MOVX and MOVC. All or part of the Stack
may be in this area.
• IDATA
Indirect Data. 256 bytes of internal data memory space (00h:FFh) accessed via
indirect addressing using instructions other than MOVX and MOVC. All or part of the
Stack may be in this area. This area includes the DATA area and the 128 bytes
immediately above it.
• SFR
Special Function Registers. Selected CPU registers and peripheral control and status
registers, accessible only via direct addressing.
• XDATA
‘External’ Data or Auxiliary RAM. Duplicates the classic 80C51 64 kB memory space
addressed via the MOVX instruction using the SPTR, R0, or R1. All or part of this
space could be implemented on-chip. The P89LPC938 has 512 bytes of on-chip
XDATA memory, plus extended SFRs located in XDATA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com