Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4P10PR Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4P10PR
Description  100V P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4P10PR Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4P10PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4P10PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4P10PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4P10PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4P10PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
-100V P-Channel Enhancement Mode MOSFET
10
100
1000
1
5
9
13
17
21
25
-VDS ,Drain to Source Voltage (V)
F=1.0MHz
Ciss
Coss
Crss
0.00
0.01
0.10
1.00
10.00
0.1
1
10
100
1000
-VDS (V)
TA=25℃
Single Pulse
1s
1ms
100ms
DC
10S
0.0001
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
D = TON/T
TJpeak = TC + PDMx RθJC
TON
T
0.02
0.01
0.05
0.1
0.2
DUTY=0.5
SINGLE PULSE
Td(on)
Tr
Ton
Td(off)
Tf
Toff
VDS
VGS
90%
10%
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Gate Charge Waveform
HM4P10PR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com