Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4P10PR Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4P10PR
Description  100V P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4P10PR Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4P10PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4P10PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4P10PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4P10PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4P10PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-100V P-Channel Enhancement Mode MOSFET
0.0
0.3
0.6
0.9
1.2
0
0.25
0.5
0.75
1
-VDS ,Drain-to-Source Voltage (V)
VGS=-10V
VGS=-7V
VGS=-5V
VGS=-4.5V
VGS=-3V
500
510
520
530
540
550
2
4
6
8
10
-VGS (V)
ID= 0 . 5 A
0
0.5
1
1.5
0.00
0.25
0.50
0.75
1.00
-VSD , Source-to-Drain Voltage (V)
TJ=150℃
TJ=25℃
0
2.5
5
7.5
10
0
2.5
5
7.5
10
QG , Total Gate Charge (nC)
VDS=-20V
ID=-0.5A
0.2
0.6
1
1.4
1.8
-50
0
50
100
150
TJ ,Junction Temperature (℃ )
0.5
1.0
1.5
2.0
-50
0
50
100
150
TJ , Junction Temperature (℃)
Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs. Gate-Source
Voltage
Fig.3 Forward Characteristics Of Reverse
diode
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) vs. TJ
Fig.6 Normalized RDSON vs. TJ
HM4P10PR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com