Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2425D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D2425D
Description  25-40Amp 120/240, 480 Vac AC OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D2425D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D2425D Datasheet HTML 1Page - List of Unclassifed Manufacturers D2425D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL NUMBERS
D2425D
D2440D
H12D4825D
H12D4840D
OUTPUT SPECIFICATIONS ➀
Operating Voltage (47-63 Hz) [Vrms]
24-280
24-280
48-530
48-530
Load Current Range ➂ [Arms]
.15-25
.15-40
.15-25
.15-40
Transient Overvoltage [Vpk]
600
600
1200
1200
Max. Surge Current, (16.6ms) [Apk]
250
625
250
625
Max. On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
1.6
Thermal Resistance Junction to Case (RθJC) [ûC/W] ➀
1.02
.63
1.02
.63
Maximum I2 t for Fusing, (8.3 msec.) [A2sec]
260
1620
260
1620
Max. Off-State Leakage Current @ Rated Voltage [mArms]
10
10
10
10
Min. Off-State dv/dt @ Max. Rated Voltage [V/µsec]➁
500
500
500
500
Max. Turn-On Time ➃
1/2 cycle
1/2 cycle
1/2 cycle
1/2 cycle
Max. Turn-Off Time
1/2 cycle
1/2 cycle
1/2 cycle
1/2 cycle
Power Factor (Min.) with Max. Load
0.5
0.5
0.5
0.5
INPUT SPECIFICATIONS ➀
H12D48XXD
Control Voltage Range
4-15Vdc
Max. Turn-On Voltage
4.0 Vdc
Min. Turn-Off Voltage
1.0 Vdc
Nominal Input Impedance
240 Ohms
Typical Input Current @ 5Vdc (@ 24Vdc for E-Suffix)
13mA
GENERAL NOTES
➀ All parameters at 25˚C and per section unless otherwise specified.
➁ Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
➂ Heat sinking required, for derating curves see page 2.
➃ Turn-on time for random turn-on (-10) versions is 0.1 msec.
• Zero Voltage and Random
Turn-On Swi tching
• SCR Output
• Industry Standard Package
• Panel M ount
FastFax Document No. 165
DUAL.
Rev. 111203
PAGE 1 OF 2
Two totally independent AC output
relays come in a single standard panel-
mount package. Utilizing an AC switch
output with internal snubber, relays
provide greater protection against false
triggering. Model choices include zero-
voltage or random turn-on (phase con-
trollable) switching.
Manufactured in Crydom's ISO 9001
Certified facility for optimum product
performance and reliability.
Crydom Heat Sinks
offer excellent thermal
management and are perfectly matched to the
load current ratings of Crydom panel mount
relays. Request Crydom's Heat Sink specifica-
tion sheet for all the details.
© 2003 CRYDOM CORP, Specifications subject to change without notice.
D2425DE
D2440DE
H12D4825DE
H12D4840DE
E-SUFFIX
15-32Vdc
15 Vdc
1.0 Vdc
1500 Ohms
15mA
D24XXD
4-15Vdc
4.0 Vdc
1.0 Vdc
300 Ohms
13mA
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506
Dual Relays
25-40Amp • 120/240, 480 Vac • AC OUTPUT


Similar Part No. - D2425D

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D2425D CRYDOM-D2425D Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
D2425D CRYDOM-D2425D Datasheet
785Kb / 5P
Independently controlled dual output solid-state relay
logo
Sensata Technologies, I...
D2425D SENSATA-D2425D Datasheet
264Kb / 5P
PANEL MOUNT SOLID STATE RELAYS
Rev:07/02/2024
logo
Crydom Inc.,
D2425DE CRYDOM-D2425DE Datasheet
775Kb / 5P
panel mount
More results

Similar Description - D2425D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSD2410 ETC1-CSD2410 Datasheet
45Kb / 3P
10-90Amp 120/240 Vac AC OUTPUT
CX240A5 ETC1-CX240A5 Datasheet
33Kb / 2P
5Amp 120/240, 380, 480 Vac AC Output SIP
D2W202F ETC1-D2W202F Datasheet
23Kb / 1P
2-3.5 Amps 120/240 Vac AC Output SIP
EZ240A12 ETC1-EZ240A12 Datasheet
56Kb / 2P
5-18Amp 120/240, 480 Vac AC Output
H12WD4825 ETC1-H12WD4825 Datasheet
80Kb / 3P
25-125Amp 480 Vac AC Output
PF240A25 ETC1-PF240A25 Datasheet
36Kb / 2P
Up to 25Amp 120/240, 380, 480 Vac AC Output
S218 ETC1-S218 Datasheet
23Kb / 1P
8 Amp 120, 240 Vac AC Output
S312 ETC1-S312 Datasheet
23Kb / 1P
3 Amp 120, 240 Vac AC Output
TD2420Q ETC1-TD2420Q Datasheet
34Kb / 2P
20Amp 120/240 Vac AC Output
A24110 ETC2-A24110 Datasheet
81Kb / 2P
120/240, 480 Vac / AC Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com