Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 36Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 37Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 38Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 39Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 40Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 41Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 42Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
IP178C
Preliminary Data Sheet
2.9
CoS
IP178C supports two type of CoS. One is port base priority function and the other is frame base priority
function. IP178C supports two levels of priority queues. A high priority packet will be queued to the high
priority queue to share more bandwidth. The ratio of bandwidth of high priority and low priority queue is
defined in MII register 30.1[15] or EEPROM 3[7].
2.9.1
Port base priority
The packets received from high priority port will be handled as high priority frames if the port base priority
is enabled. It is enabled by programming the corresponding bit in MII register 31.0[9]~31.8[9] or
EEPROM register 65[1] ~81[1]. Each port of IP178C can be configured as a high priority port individually.
2.9.2
Frame base priority
VLAN tag and TCP/IP TOS
IP178C examines the specific bits of VLAN tag and TCP/IP TOS for priority frames if the frame base
priority is enabled. The packets will be handled as high priority frames if the tag value meets the high
priority requirement, that is, VLAN tag bigger than 3 or TCP/IP TOS field not equal to 3’b000. It is
enabled by programming the corresponding bit in MII register 31.0[10]~31.8[10] or EEPROM register
65[2]~81[2]. The frame base priority function of each port can be enabled individually.
IP178C supports an easy way to enable a sub set of CoS function without programming EEPROM or MII
registers. Port 6 and port 7 can be set as high priority ports if pin 100 P6_7_HIGH is pulled high. Frame
base priority function of all ports is enabled if pin 99 COS_EN is pulled high. The setting in register takes
precedence of the setting on pins.
byte
TYPE = 8100
VLAN field
TCI (tag control information)
12~13
14~15
TCI definition:
Bit[15:13]: User Priority 7~0
Bit 12: Canonical Format Indicator (CFI)
Bit[11~0]: VLAN ID.
IP178C uses bit[15:13] to define priority.
byte
TYPE = 0800
TOS field
IP HEADER
12~13
14~15
IP header definition:
Byte 14
Bit[7:0]: IP protocol version number & header length.
Byte 15: Service type
Bit[7~5]: IP Priority (Precedence ) from 7~0
Bit[1:0]: Reserved
IP178C uses bit[4:2] to define priority.
Bit 4: No Delay (D)
Bit 3: High Throughput
Bit 2: High Reliability (R)
40/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com