Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 72Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 73Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 74Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 75Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 76Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 77Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 78Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 79Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
IP178C
Preliminary Data Sheet
76/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
PHY
MII
ROM
R/W
Description
Default
Switch control register 3
9[15:14] 83[7:6]
BF_STM_THR_SEL[1:0].
Broadcast storm threshold selection
00: 159 packets/10ms for 100Mbps port, or 159
packets/100ms for 10Mbps port,
01: 127 packets/10ms for 100Mbps port, or 127
packets/100ms for 10Mbps port,
10: 63 packets/10ms for 100Mbps port, or 63 packets/100ms
for 10Mbps port,
11: 31 packets/10ms for 100Mbps port, or 31 packets/100ms
for 10Mbps port
2’b11
9[13:12]
83[5:4]
SHARE_FULL_THR_SEL[1;0].
Share buffer threshold selection
00: 160 units
01: 180 units
10: 140 units
11: 120 units
2’b00
9[11:10]
83[3:2]
UNIT_DEFAULT_THR_SEL[1:0].
Output Queue minimum threshold selection
00: 40 units
01: 32 units
10: 48 units
11: 56 units
2’b00
9[9:8]
83[1:0]
UNIT_LOW_THR_SEL
2’b00
9[7:6]
82[7:6]
UNIT_HIGH_THR_SEL[1;0].
Output Queue Flow control ON threshold selection
If share buffer is over share buffer full threshold, Output Queue
Flow control ON threshold will be dynamic changed to 28.
Others,
00: 50 units
01: 70 units
10: 90 units
11: 110 units
2’b00
9[5]
82[5]
RESERVED
9[4]
82[4]
PREDROP_EN
1: Drop an incoming broadcast packet if any port is
congested.
0: forward an incoming broadcast packet to un-congested
ports instead of congested ports.
1
31
9[3:2]
82[3:2]
PKT_LOW_THR_SEL[1:0].
Packet low water mark threshold selection
00: 40 units
01: 30 units
10: 20 units
11: 10 units
2’b00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com